Electronic Components Datasheet Search
  English  ▼

X  

LT1013 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1013
Description  Quad Precision Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1013 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1013 Datasheet HTML 10Page - Linear Technology LT1013 Datasheet HTML 11Page - Linear Technology LT1013 Datasheet HTML 12Page - Linear Technology LT1013 Datasheet HTML 13Page - Linear Technology LT1013 Datasheet HTML 14Page - Linear Technology LT1013 Datasheet HTML 15Page - Linear Technology LT1013 Datasheet HTML 16Page - Linear Technology LT1013 Datasheet HTML 17Page - Linear Technology LT1013 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1013/LT1014
TYPICAL APPLICATIONS
5V Powered 4mA–20mA Current Loop Transmitter
†
A2
1/2 LT1013
3
2
1
A1
1/2 LT1013
6
5
7
100k
4.3k
+5V
8
4
LT1004
1.2V
+5V
10
µF
4mA-20mA OUT
FULLY FLOATING
8-BIT ACCURACY.
†
0.1
Ω
68k*
301
Ω*
1k
20mA
TRIM
4k*
10k*
2k
4mA
TRIM
INPUT
0V–4V
TO INVERTER
DRIVE
+
T1
1N4002 (4)
Fully Floating Modification to 4mA-20mA Current Loop
†
A2
1/2 LT1013
6
5
7
A1
1/2 LT1013
2
3
1
INPUT
0 TO 4V
1k
4mA
TRIM
4k*
10k*
4.3k
+5V
8
4
LT1004
1.2V
2k
Q4
2N2222
100pF
+5V
0.33
100k
10k*
80k*
10k*
20mA
TRIM
10
µF
Q1
2N2905
Q2
2N2905
10k
10k
0.002
820
Ω
820
Ω
10
µF
+
100
Ω*
4mA-20mA OUT
TO LOAD
2.2k
Ω MAXIMUM
68
Ω
Q3
2N2905
+5V
12-BIT ACCURACY.
1% FILM.
T1 = PICO-31080.
†
*
1N4002 (4)
T1
+
74C04
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com