Electronic Components Datasheet Search
  English  ▼

X  

LT1014 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1014
Description  Quad Precision Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1014 Datasheet(HTML) 4 Page - Linear Technology

  LT1014 Datasheet HTML 1Page - Linear Technology LT1014 Datasheet HTML 2Page - Linear Technology LT1014 Datasheet HTML 3Page - Linear Technology LT1014 Datasheet HTML 4Page - Linear Technology LT1014 Datasheet HTML 5Page - Linear Technology LT1014 Datasheet HTML 6Page - Linear Technology LT1014 Datasheet HTML 7Page - Linear Technology LT1014 Datasheet HTML 8Page - Linear Technology LT1014 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1013/LT1014
V S = ±15V, VCM = 0V, – 55°C ≤ TA ≤ 125°C unless otherwise noted
ELECTRICAL CHARACTERISTICS
Note 2: This parameter is not 100% tested.
The q denotes specifications which apply over the full operating temperature range.
LT1013AM
LT1014AM
LT1013M/LT1014M
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
q
—
80
300
—
90
350
—
110
550
µV
VS = + 5V, 0V; VO = + 1.4V
–55
°C ≤ TA ≤ 100°C
q
—
80
450
—
90
480
—
100
750
µV
VCM = 0.1V, TA = 125°C
—
120
450
—
150
480
—
200
750
µV
VCM = 0V, TA = 125°C
—
250
900
—
300
960
—
400
1500
µV
Input Offset Voltage Drift
(Note 2)
q
—
0.4
2.0
—
0.4
2.0
—
0.5
2.5
µV/°C
IOS
Input Offset Current
q
—
0.3
2.5
—
0.3
2.8
—
0.4
5.0
nA
VS = + 5V, 0V; VO = +1.4V
q
—
0.6
6.0
—
0.7
7.0
—
0.9
10.0
nA
IB
Input Bias Current
q
—1530
—
15
30
—1845
nA
VS = + 5V, 0V; VO = +1.4V
q
—2080
—
25
90
—28
120
nA
AVOL
Large Signal Voltage Gain
VO = ±10V, RL = 2k
q
0.5
2.0
—
0.4
2.0
—
0.25
2.0
—
V/
µV
CMRR
Common-Mode Rejection
VCM = +13.0V, – 14.9V
q
97
114
—
96
114
—
94
113
—
dB
PSRR
Power Supply Rejection
VS = ±2V to ±18V
q
100
117
—
100
117
—
97
116
—
dB
Ratio
VOUT
Output Voltage Swing
RL = 2k
q
±12 ±13.8 —
±12 ±13.8 — ±11.5 ±13.8 —
V
VS = +5V, 0V
RL = 600Ω to Ground
Output Low
q
—
6
15
—
615
—
618
mV
Output High
q
3.2
3.8
—
3.2
3.8
—
3.1
3.8
—
V
IS
Supply Current
q
—
0.38
0.60
—
0.38
0.60
—
0.38
0.7
mA
Per Amplifier
VS = +5V, 0V; VO = +1.4V
q
—
0.34
0.55
—
0.34
0.55
—
0.34
0.65
mA
SYMBOL PARAMETER
CONDITIONS
UNITS
ELECTRICAL CHARACTERISTICS
VS = ±15V, VCM = 0V, –40°C ≤ TA ≤ 85°C for LT1013I, LT1014I, 0°C ≤ TA ≤ 70°C for LT1013C, LT1013D, LT1014C, LT1014D unless otherwise noted
LT1013C/D/I
LT1014C/D/I
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
q
—
55
240
—
65
270
—
80
400
µV
LT1013D/I, LT1014D/I
q
—
—
—
—
—
—
—
230
1000
µV
VS = +5V, 0V; VO = 1.4V
q
—
75
350
—
85
380
—
110
570
µV
LT1013D/I, LT1014D/I
VS = +5V, 0V; VO = 1.4V
q
—
—
—
—
—
—
—
280
1200
µV
Average Input Offset
(Note 2)
q
—
0.3
2.0
—
0.3
2.0
—
0.4
2.5
µV/°C
Voltage Drift
LT1013D/I, LT1014D/I
q
———
———
—
0.7
5.0
µV/°C
IOS
Input Offset Current
q
—
0.2
1.5
—
0.2
1.7
—
0.3
2.8
nA
VS = +5V, 0V; VO = 1.4V
q
—
0.4
3.5
—
0.4
4.0
—
0.5
6.0
nA
IB
Input Bias Current
q
—1325
—
13
25
—1638
nA
VS = +5V, 0V; VO = 1.4V
q
—1855
—
20
60
—2490
nA
AVOL
Large Signal Voltage Gain
VO = ±10V, RL = 2k
q
1.0
5.0
—
1.0
5.0
—
0.7
4.0
—
V/
µV
CMRR
Common-Mode Rejection
VCM = +13.0V, – 15.0V
q
98
116
—
98
116
—
94
113
—
dB
Ratio
PSRR
Power Supply Rejection
VS = ±2V to ±18V
q
101
119
—
101
119
—
97
116
—
dB
Ratio
VOUT
Output Voltage Swing
RL = 2k
q
±12.5 ±13.9 — ±12.5 ±13.9 — ±12.0 ±13.9 —
V
VS = +5V, 0V; RL = 600Ω
Output Low
q
—
613
—
613
—
613
mV
Output High
q
3.3
3.9
—
3.3
3.9
—
3.2
3.9
—
V
IS
Supply Current per Amplifier
q
—
0.36
0.55
—
0.36
0.55
—
0.37
0.60
mA
VS = +5V, 0V; VO = 1.4V
q
—
0.32
0.50
—
0.32
0.50
—
0.34
0.55
mA
SYMBOL PARAMETER
CONDITIONS
UNITS
LT1013AC
LT1014AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com