Electronic Components Datasheet Search
  English  ▼

X  

LT1019 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1019
Description  Precision Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1019 Datasheet(HTML) 3 Page - Linear Technology

  LT1019 Datasheet HTML 1Page - Linear Technology LT1019 Datasheet HTML 2Page - Linear Technology LT1019 Datasheet HTML 3Page - Linear Technology LT1019 Datasheet HTML 4Page - Linear Technology LT1019 Datasheet HTML 5Page - Linear Technology LT1019 Datasheet HTML 6Page - Linear Technology LT1019 Datasheet HTML 7Page - Linear Technology LT1019 Datasheet HTML 8Page - Linear Technology LT1019 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1019
AVAILABLE OPTIO S
OUTPUT
TEMPERATURE
PACKAGE TYPE
VOLTAGE
TEMPERATURE
ACCURACY
COEFFICIENT
TO-5
SO-8
PDIP-8
(V)
(
°C)
(%)
(ppm/
°C)
H8
S8
N8
2.5
0 to 70
0.05
5
LT1019ACH-2.5
LT1019ACS8-2.5
LT1019ACN8-2.5
0.2
20
LT1019CH-2.5
LT1019CS8-2.5
LT1019CN8-2.5
– 40 to 85
0.05
10
LT1019AIS8-2.5
0.2
20
LT1019IS8-2.5
LT1019IN8-2.5
– 55 to 125
0.05
10
LT1019AMH-2.5
0.2
25
LT1019MH-2.5
4.5
0 to 70
0.05
5
LT1019ACH-4.5
LT1019ACN8-4.5
0.2
20
LT1019CH-4.5
LT1019CS8-4.5
LT1019CN8-4.5
– 40 to 85
0.2
20
LT1019IN8-4.5
– 55 to 125
0.05
10
LT1019AMH-4.5
0.2
25
LT1019MH-4.5
5
0 to 70
0.05
5
LT1019ACH-5
LT1019ACS8-5
LT1019ACN8-5
0.2
20
LT1019CH-5
LT1019CS8-5
LT1019CN8-5
– 40 to 85
0.05
10
LT1019AIS8-5
0.2
20
LT1019IS8-5
LT1019IN8-5
– 55 to 125
0.05
10
LT1019AMH-5
0.2
25
LT1019MH-5
10
0 to 70
0.05
5
LT1019ACH-10
LT1019ACN8-10
0.2
20
LT1019CH-10
LT1019CS8-10
LT1019CN8-10
– 40 to 85
0.2
20
LT1019IN8-10
– 55 to 125
0.05
10
LT1019AMH-10
0.2
25
LT1019MH-10
ELECTRICAL C
C
HARA TERISTICS
LT1019A
LT1019
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Output Voltage Tolerance
0.02
0.05
0.02
0.2
%
TC
Output Voltage
LT1019C (0
°C to 70°C)
q
3
5
5
20
ppm/
°C
Temperature Coefficient
LT1019I (– 40
°C to 85°C)
q
3
10
5
20
ppm/
°C
(Note 3)
LT1019M (– 55
°C to 125°C)
q
5
10
8
25
ppm/
°C
∆VOUT
Line Regulation (Note 4)
(VOUT + 1.5V) ≤ VIN ≤ 40V
0.5
3
0.5
3
ppm/V
∆VIN
q
1.0
5
1.0
5
ppm/V
RR
Ripple Rejection
50Hz
≤ f ≤ 400Hz
90
110
90
110
dB
q
84
84
dB
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 15V, IOUT = 0 unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com