Electronic Components Datasheet Search
  English  ▼

X  

LT1020C Datasheet(PDF) 13 Page - Linear Technology

Part # LT1020C
Description  Micropower Regulator and Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1020C Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1020C Datasheet HTML 8Page - Linear Technology LT1020C Datasheet HTML 9Page - Linear Technology LT1020C Datasheet HTML 10Page - Linear Technology LT1020C Datasheet HTML 11Page - Linear Technology LT1020C Datasheet HTML 12Page - Linear Technology LT1020C Datasheet HTML 13Page - Linear Technology LT1020C Datasheet HTML 14Page - Linear Technology LT1020C Datasheet HTML 15Page - Linear Technology LT1020C Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1020
S
APPLICATI
TYPICAL
Charge Pump Negative Voltage Generator
Charge Pump Voltage Doubler
–
+
1020 TA19
5
6
+
7
8
9
22k
51k
VIN
3
1N5819
OR EQUIVALENT
–VOUT
1M
2N3904
20
µF
VOUT (NL) ≅ – (VIN – 1V)
VOUT (5mA) ≅ – (VIN – 3V)
IQ ≅ 300µA
0.0033
µF
10
µF
51k
1M
–
+
1020 TA20
5
6
7
8
9
22k
51k
VIN
3
VOUT
1M
2N3904
10
µF
VOUT (NL) ≅ 2VIN – 1V
VOUT (5mA) ≅ 2VIN – 3V
IQ ≅ 300µA
0.0033
µF
51k
1M
20
µF
1N5819
OR EQUIVALENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com