Electronic Components Datasheet Search
  English  ▼

X  

LT1021 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1021
Description  Precision Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1021 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1021 Datasheet HTML 8Page - Linear Technology LT1021 Datasheet HTML 9Page - Linear Technology LT1021 Datasheet HTML 10Page - Linear Technology LT1021 Datasheet HTML 11Page - Linear Technology LT1021 Datasheet HTML 12Page - Linear Technology LT1021 Datasheet HTML 13Page - Linear Technology LT1021 Datasheet HTML 14Page - Linear Technology LT1021 Datasheet HTML 15Page - Linear Technology LT1021 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1021
TYPICAL APPLICATIONS
Boosted Output Current
with No Current Limit
Boosted Output Current
with Current Limit
Ultraprecise Current Source
LT1021-10
OUT
IN
TRIM
GND
4.32k
VOUT = 10.24V
VIN
5k
V
– = –15V*
*MUST BE WELL REGULATED
dVOUT
dV
–
=
15mV
V
1021 TA12
Trimming 10V Units to 10.24V
CMOS DAC with Low Drift Full-Scale Trimming**
LT1021-10
TRIM
GND
OUT
LT1236 TA15
–
+
1.2k
R2
40.2
Ω
1%
R1
4.99k
1%
REF
CMOS
DAC
7520, ETC
IOUT
FB
30pF
LT1007C
R4*
100
Ω
FULL-SCALE
ADJUST
R3
4.02K
1%
10V
F.S.
–15V
TC LESS THAN 200ppm/
°C
NO ZERO ADJUST REQUIRED
WITH LT1007 (V0S ≤ 60µV)
*
**
LT1021-7
OUT
IN
2
*LOW TC
3
4
7
GND
–15V
15V
TRIM
100
Ω
15V
6
6.98k*
0.1%
17.4k
1%
1021 TA07
LT1001
IOUT = 1mA
REGULATION < 1ppm/V
COMPLIANCE = –13V TO 7V
LT1021
OUT
V+
≥ (VOUT + 1.8V)
GND
IN
1021 TA05
2N2905
10V AT
100mA
2
µF
SOLID
TANT
R1
220
Ω
+
LT1021
OUT
GND
IN
1021 TA06
2N2905
10V AT
100mA
2
µF
SOLID
TANT
D1*
LED
V +
≥ VOUT + 2.8V
8.2
Ω
R1
220
Ω
*GLOWS IN CURRENT LIMIT,
DO NOT OMIT
+
Operating 5V Reference from 5V Supply
2-Pole Lowpass Filtered Reference
LT1021-5
OUT
IN
GND
1021 TA16
1N914
1N914
≈8.5V
C2*
5
µF
C1*
5
µF
5V
REFERENCE
5V LOGIC
SUPPLY
CMOS LOGIC GATE**
fIN ≥ 2kHz*
FOR HIGHER FREQUENCIES C1 AND C2 MAY BE DECREASED
PARALLEL GATES FOR HIGHER REFERENCE CURRENT LOADING
*
**
+
LT1021
OUT
IN
GND
1021 TA13
–
+
R1
36k
1
µF
MYLAR
0.5
µF
MYLAR
R2
36k
LT1001
VIN
VIN
VREF
–VREF
f = 10Hz
TOTAL NOISE
≤2µVRMS
1Hz
≤ f ≤ 10kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com