Electronic Components Datasheet Search
  English  ▼

X  

SAW8CF2A Datasheet(PDF) 14 Page - Seoul Semiconductor

Part # SAW8CF2A
Description  Superior High Intensity for High Voltage System
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW8CF2A Datasheet(HTML) 14 Page - Seoul Semiconductor

Back Button SAW8CF2A Datasheet HTML 10Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 11Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 12Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 13Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 14Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 15Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 16Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 17Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 18Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW8CF2A
– Acrich MJT 3030
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
14
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.0
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
CIE Chromaticity Diagram (Cool white), T
j=25℃, IF=20mA
0.335
0.340
0.345
0.350
0.355
0.34
0.35
0.36
0.37
0.38
C44
C43
4700K
5000K
5300K
C41
C31
C21
C11
CIE X
C32
C42
C22
C12
C33
C23
C13
C34
C24
C14
C11
C21
C31
C41
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3376
0.3616
0.3420
0.3652
0.3463
0.3687
0.3507
0.3724
0.3374
0.3554
0.3415
0.3588
0.3457
0.3622
0.3500
0.3657
0.3415
0.3588
0.3457
0.3622
0.3500
0.3657
0.3542
0.3692
0.3420
0.3652
0.3463
0.3687
0.3507
0.3724
0.3551
0.3760
C12
C22
C32
C42
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3374
0.3554
0.3415
0.3588
0.3457
0.3622
0.3500
0.3657
0.3371
0.3493
0.3411
0.3525
0.3452
0.3558
0.3492
0.3591
0.3411
0.3525
0.3452
0.3558
0.3492
0.3591
0.3533
0.3624
0.3415
0.3588
0.3457
0.3622
0.3500
0.3657
0.3542
0.3692
C13
C23
C33
C43
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3371
0.3493
0.3411
0.3525
0.3452
0.3558
0.3492
0.3591
0.3369
0.3431
0.3407
0.3462
0.3446
0.3493
0.3485
0.3524
0.3407
0.3462
0.3446
0.3493
0.3485
0.3524
0.3523
0.3555
0.3411
0.3525
0.3452
0.3558
0.3492
0.3591
0.3533
0.3624
C14
C24
C34
C44
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3369
0.3431
0.3407
0.3462
0.3446
0.3493
0.3485
0.3524
0.3366
0.3369
0.3403
0.3399
0.3440
0.3428
0.3477
0.3458
0.3403
0.3399
0.3440
0.3428
0.3477
0.3458
0.3514
0.3487
0.3407
0.3462
0.3446
0.3493
0.3485
0.3524
0.3523
0.3555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com