Electronic Components Datasheet Search
  English  ▼

X  

LT1027 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1027
Description  Precision 5V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027 Datasheet(HTML) 1 Page - Linear Technology

  LT1027 Datasheet HTML 1Page - Linear Technology LT1027 Datasheet HTML 2Page - Linear Technology LT1027 Datasheet HTML 3Page - Linear Technology LT1027 Datasheet HTML 4Page - Linear Technology LT1027 Datasheet HTML 5Page - Linear Technology LT1027 Datasheet HTML 6Page - Linear Technology LT1027 Datasheet HTML 7Page - Linear Technology LT1027 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LT1027
1
Precision
5V Reference
ANALOG
INPUTS
VIN
VOUT
VTRIM
GND
10k
22
µF
8V TO 40V
LT1027
TO
µC
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
VCC
REF+
REF–
COM
AGND
V–
DGND
LTC1290
1027 TA01
SCLK
ACLK
DOUT
DIN
CS
+
2.2
µF
+
TEMPERATURE (
°C)
–50
5.002
5.004
5.006
25
75
1027 TA02
5.000
4.998
–25
0
50
100
4.996
4.994
Output Voltage
, LTC and LT are registered trademarks of Linear Technology Corporation.
Supplying VREF and VCC to the LTC
®1290 12-bit ADC
s
Very Low Drift: 2ppm/
°C Max TC
s
Pin Compatible with LT1021-5, REF-02,
(TO-5 and PDIP Packages Only)
s
Output Sources 15mA, Sinks 10mA
s
Excellent Transient Response Suitable for
A-to-D Reference Inputs
s
Noise Reduction Pin
s
Excellent Long Term Stability
s
Less Than 1ppm P-P Noise (0.1Hz to 10Hz)
The LT
®1027 is a precision reference with extra-low drift,
superior accuracy, excellent line and load regulation and
low output impedance at high frequency. This device is
intended for use in 12- to 16-bit A-to-D and D-to-A
systems where demanding accuracy requirements must
be met without the use of power hungry, heated substrate
references. The fast settling output recovers quickly from
load transients such as those presented by A-to-D converter
reference inputs. The LT1027 brings together both
outstanding accuracy and temperature coefficient
specifications.
The LT1027 reference is based on LTC’s proprietary
advanced subsurface Zener bipolar process which
eliminates noise and stability problems associated with
surface breakdown devices.
s
A-to-D and D-to-A Converters
s
Digital Voltmeters
s
Reference Standard
s
Precision Current Source
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1027

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1027 LINER-LT1027 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LT1027 LINER-LT1027 Datasheet
264Kb / 20P
18-Bit SoftSpan IOUT DAC with Parallel I/O
LT1027 LINER-LT1027 Datasheet
220Kb / 8P
Precision 5V Reference
LT1027LS8 LINER-LT1027LS8 Datasheet
3Mb / 14P
Precision, Low Noise, High Stability Hermetic Voltage Reference
LT1027 LINER-LT1027_15 Datasheet
220Kb / 8P
Precision 5V Reference
More results

Similar Description - LT1027

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMSREF-02 ADMOS-AMSREF-02 Datasheet
55Kb / 6P
5V PRECISION VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF02 BURR-BROWN-REF02 Datasheet
317Kb / 12P
5V Precision VOLTAGE REFERENCE
logo
Linear Technology
RH1021-5 LINER-RH1021-5 Datasheet
137Kb / 4P
Precision 5V Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675 Datasheet
131Kb / 4P
5V Precision Voltage Reference
1996
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
5V MICROPOWER PRECISION REFERENCE
logo
Texas Instruments
REF02BU TI-REF02BU Datasheet
869Kb / 15P
5V Precision VOLTAGE REFERENCE
logo
Linear Technology
RH1021-5 LINER-RH1021-5_15 Datasheet
101Kb / 4P
Precision 5V Reference
LT1027 LINER-LT1027_15 Datasheet
220Kb / 8P
Precision 5V Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_04 Datasheet
335Kb / 5P
5V Precision Voltage Reference
Rev 2; 7/04
MAX675 MAXIM-MAX675_V01 Datasheet
335Kb / 5P
5V Precision Voltage Reference
2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com