Electronic Components Datasheet Search
  English  ▼

X  

LT1014AMJ Datasheet(PDF) 17 Page - Linear Technology

Part # LT1014AMJ
Description  Quad Precision Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1014AMJ Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1014AMJ Datasheet HTML 12Page - Linear Technology LT1014AMJ Datasheet HTML 13Page - Linear Technology LT1014AMJ Datasheet HTML 14Page - Linear Technology LT1014AMJ Datasheet HTML 15Page - Linear Technology LT1014AMJ Datasheet HTML 16Page - Linear Technology LT1014AMJ Datasheet HTML 17Page - Linear Technology LT1014AMJ Datasheet HTML 18Page - Linear Technology LT1014AMJ Datasheet HTML 19Page - Linear Technology LT1014AMJ Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LT1013/LT1014
TYPICAL APPLICATIONS
Voltage Controlled Current Source with
Ground Referred Input and Output
LT1013
6
5
7
LT1013
2
8
4
3
1
1M
1.4M
82k
0.005
2N5114
2N4391
LT1004
1.2V
100k
+6V
+16V
–16V
0.005
10
+15VOUT
–15VOUT
200k
VOUT
ADJ
15pF
15pF
1
µF
10
+
+16V
–16V
L1
1MHY
2N3904
2N3906
10k
10k
10k
22k
22k
10k
+V
Q1
CLK 2
D1
Q1
Q2
D2
CLK 1
Q2
74C74
100kHz INPUT
L1 = 24-104 AIE VERNITRON
±5mA OUTPUT
75% EFFICIENCY
+6V
74C00
+6V
= 1N4148
–
+
LT1013
3
2
1
8
4
+
–
A2
LT1013
6
5
7
1M
LT1004
1.2V
1.2k
1N914
0.01
Ω
100k
100
Ω
120k
30k
VBATT
6V
0.003
µF
5V OUTPUT
50k
OUTPUT ADJUST
10
24
5
38
LTC1044
100
Ω
1N914
+12 OUTPUT
10
2N2219
0.009V DROPOUT AT 5mA OUTPUT.
0.108V DROPOUT AT 100mA OUTPUT.
IQUIESCENT = 850µA.
+
+
Low Dropout Regulator for 6V Battery
–
+
1/2 LT1013
3
2
1
8
4
+5V
0V–2V
1
µF
8
11
12
14
7
13
1/2 LTC1043
0.68
µF
1k
100
Ω
1
µF
IOUT = 0mA TO 15mA
IOUT =
VIN
100
Ω
FOR BIPOLAR OPERATION,
RUN BOTH ICs FROM
A BIPOLAR SUPPLY.
6V to
±15V Regulating Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com