Electronic Components Datasheet Search
  English  ▼

X  

LT1028AM Datasheet(PDF) 9 Page - Linear Technology

Part # LT1028AM
Description  Ultra Low Noise Precision High Speed Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1028AM Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1028AM Datasheet HTML 5Page - Linear Technology LT1028AM Datasheet HTML 6Page - Linear Technology LT1028AM Datasheet HTML 7Page - Linear Technology LT1028AM Datasheet HTML 8Page - Linear Technology LT1028AM Datasheet HTML 9Page - Linear Technology LT1028AM Datasheet HTML 10Page - Linear Technology LT1028AM Datasheet HTML 11Page - Linear Technology LT1028AM Datasheet HTML 12Page - Linear Technology LT1028AM Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1028/LT1128
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
LT1128
Total Harmonic Distortion vs
Closed-Loop Gain
Common-Mode Limit Over
Temperature
LT1028
Total Harmonic Distortion vs
Frequency and Load Resistance
FREQUENCY (Hz)
10
80
100
120
10k
1M
LT1028/1128 • TPC38
60
40
100
1k
100k
10M
20
0
140
VS = ±15V
TA = 25°C
LT1128
LT1028
Common-Mode Rejection Ratio
vs Frequency
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
10k
0.1
1.0
10
100k
1M
LT1028/1128 • TPC42
High Frequency Voltage Noise
vs Frequency
LT1028
Total Harmonic Distortion vs
Closed-Loop Gain
FREQUENCY (Hz)
0.1
80
100
120
10M
LT1028/1128 • TPC39
60
40
0
10
1k
100k
20
160
140
1M
1
100
10k
VS = ±15V
TA = 25°C
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
LT1128
Total Harmonic Distortion vs
Frequency and Load Resistance
TEMPERATURE (°C)
–50
V–
1
3
4
V+
–3
0
50
75
LT1028/1128 • TPC37
2
–2
–1
–4
–25
25
100
125
VS = ±5V
VS = ±5V TO ±15V
VS = ±15V
CLOSED LOOP GAIN
0.001
0.01
10
1k
10k
100k
LT1028/1128 • TPC41
0.0001
100
0.1
VO = 20VP-P
f = 1kHz
VS = ±15V
TA = 25°C
RL = 10k
NON-INVERTING
GAIN
INVERTING
GAIN
MEASURED
EXTRAPOLATED
CLOSED LOOP GAIN
0.001
0.01
10
1k
10k
100k
LT1028/1128 • TPC44
0.0001
100
0.1
VO = 20VP-P
f = 1kHz
VS = ±15V
TA = 25°C
RL = 10k
NON-INVERTING
GAIN
INVERTING
GAIN
MEASURED
EXTRAPOLATED
FREQUENCY (kHz)
1
0.001
0.01
0.1
10
100
LT1028/1128 • TPC40
AV = +1000
RL = 600Ω
AV = +1000
RL = 2k
AV = –1000
RL = 2k
VO = 20VP-P
VS = ±15V
TA = 25°C
AV = +1000
RL = 600Ω
FREQUENCY (kHz)
1.0
0.001
0.1
1.0
10
100
LT1028/1128 • TPC43
0.01
AV = +1000
RL = 600Ω
AV = –1000
RL = 2k
VO = 20VP-P
VS = ±15V
TA = 25°C
AV = +1000
RL = 600Ω
AV = +1000
RL = 2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com