Electronic Components Datasheet Search
  English  ▼

X  

STW9C2SA Datasheet(PDF) 17 Page - Seoul Semiconductor

Part # STW9C2SA
Description  Thermally Enhanced Package Design
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW9C2SA Datasheet(HTML) 17 Page - Seoul Semiconductor

Back Button STW9C2SA Datasheet HTML 13Page - Seoul Semiconductor STW9C2SA Datasheet HTML 14Page - Seoul Semiconductor STW9C2SA Datasheet HTML 15Page - Seoul Semiconductor STW9C2SA Datasheet HTML 16Page - Seoul Semiconductor STW9C2SA Datasheet HTML 17Page - Seoul Semiconductor STW9C2SA Datasheet HTML 18Page - Seoul Semiconductor STW9C2SA Datasheet HTML 19Page - Seoul Semiconductor STW9C2SA Datasheet HTML 20Page - Seoul Semiconductor STW9C2SA Datasheet HTML 21Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Rev2.0
www.seoulsemicon.com
Product Data Sheet
3030
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
17
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
0.36
0.37
0.38
0.39
0.40
0.35
0.36
0.37
0.38
0.39
0.40
0.41
E44
E43
3700K
4000K
4200K
E41
E31
E21
E11
CIE X
E32
E42
E22
E12
E33
E23
E13
E34
E24
E14
<I
F = 100mA, Ta = 25℃>
E11
E21
E31
E41
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3736
0.3874
0.3804
0.3917
0.3871
0.3959
0.3939
0.4002
0.3720
0.3800
0.3784
0.3841
0.3849
0.3881
0.3914
0.3922
0.3784
0.3841
0.3849
0.3881
0.3914
0.3922
0.3979
0.3962
0.3804
0.3917
0.3871
0.3959
0.3939
0.4002
0.4006
0.4044
E12
E22
E32
E42
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3720
0.3800
0.3784
0.3841
0.3849
0.3881
0.3914
0.3922
0.3703
0.3726
0.3765
0.3765
0.3828
0.3803
0.3890
0.3842
0.3765
0.3765
0.3828
0.3803
0.3890
0.3842
0.3952
0.3880
0.3784
0.3841
0.3849
0.3881
0.3914
0.3922
0.3979
0.3962
E13
E23
E33
E43
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3703
0.3726
0.3765
0.3765
0.3828
0.3803
0.3890
0.3842
0.3687
0.3652
0.3746
0.3689
0.3806
0.3725
0.3865
0.3762
0.3746
0.3689
0.3806
0.3725
0.3865
0.3762
0.3925
0.3798
0.3765
0.3765
0.3828
0.3803
0.3890
0.3842
0.3952
0.3880
E14
E24
E34
E44
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3687
0.3652
0.3746
0.3689
0.3806
0.3725
0.3865
0.3762
0.3670
0.3578
0.3727
0.3613
0.3784
0.3647
0.3841
0.3682
0.3727
0.3613
0.3784
0.3647
0.3841
0.3682
0.3898
0.3716
0.3746
0.3689
0.3806
0.3725
0.3865
0.3762
0.3925
0.3798



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com