Electronic Components Datasheet Search
  English  ▼

X  

LT1128AM Datasheet(PDF) 17 Page - Linear Technology

Part # LT1128AM
Description  Ultra Low Noise Precision High Speed Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1128AM Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1128AM Datasheet HTML 12Page - Linear Technology LT1128AM Datasheet HTML 13Page - Linear Technology LT1128AM Datasheet HTML 14Page - Linear Technology LT1128AM Datasheet HTML 15Page - Linear Technology LT1128AM Datasheet HTML 16Page - Linear Technology LT1128AM Datasheet HTML 17Page - Linear Technology LT1128AM Datasheet HTML 18Page - Linear Technology LT1128AM Datasheet HTML 19Page - Linear Technology LT1128AM Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LT1028/LT1128
S
A
CHE
TI
I
CD AGRA
1.5
µA
1
NULL
R5
130
Ω
R6
130
Ω
R1
3k
R2
3k
3
8
NULL
Q4
C1
257pF
900
µA
900
µA
Q6
Q5
Q9
Q8
Q7
Q2
4.5
µA
4.5
µA
1.5
µA
Q13
Q14
Q1
4.5
µA
NON-
INVERTING
INPUT
0
1.8mA
Q3
BIAS
2
INTERVING
INPUT
4
V –
R7
80
Ω
Q11
Q10
Q12
300
µA
Q15
Q21
5
OVER-
COMP
Q23
600
µA
R12
240
Ω
C4
35pF
Q22
R11
100
Ω
C3
250pF
Q19
Q18
Q16
Q17
R11
400
Ω
R10
400
Ω
1.1mA
2.3mA
400
µA
V+
7
R10
500
Ω
C2
Q26
Q25
Q24
6
OUTPUT
Q27
1028/1128 TA13
4.5
µA
3
1
3
1
Q20
R8
480
Ω
500
µA
C2 = 50pF for LT1028
C2 = 275pF for LT1128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com