Electronic Components Datasheet Search
  English  ▼

X  

LT1032 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1032
Description  Quad Low Power Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1032 Datasheet(HTML) 6 Page - Linear Technology

  LT1032 Datasheet HTML 1Page - Linear Technology LT1032 Datasheet HTML 2Page - Linear Technology LT1032 Datasheet HTML 3Page - Linear Technology LT1032 Datasheet HTML 4Page - Linear Technology LT1032 Datasheet HTML 5Page - Linear Technology LT1032 Datasheet HTML 6Page - Linear Technology LT1032 Datasheet HTML 7Page - Linear Technology LT1032 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1032
S
APPLICATI
TYPICAL
LT1032
PIN 10
80k
120k
10V
†
120k
10V
†
OR
OR
80k
50
µA
50
µA
15V
–15V
INCREASES
SLEW RATE
DECREASES
SLEW RATE
*ABOUT 4V/ms CHANGE
†ZENERS PREVENT LEAKAGE DURING SHUTDOWN
LT1032 • TA05
5V
–5V
Slew Rate Adjustment*
FET Driver
1/4 LT1032
INPUT
50k
15V
–15V
LT1032 • TA04
TTL/CMOS Compatible Strobe
TTL INPUT
5V
10k
TO LT1032
STROBE
LT1032 • TA06
1
12
VEE
VCC
ON/OFF
40k*
15k*
CMOS
INPUT
OUTPUT
0.7V TO 4.8V
GND
7
1N4148
1N4148
5V
*LEVEL SHIFTING RESISTORS
NEEDED FOR EACH INPUT
LT1032 • TA10
1/4 LT1032CN
14
4
11
Operating from a Single 5V Supply
Phase Shift Oscillator
1/4
LT1032CSW
C
C
C
R
35
6
2
8
9
RR
f =
1
3.3RC
LT1032 • TA09
R
1/4
LT1032CSW
1/4
LT1032CSW
Strobing with CMOS
ANY CMOS
GATE
TTL INPUT
LT1032 • TA07
TO PIN 13
OF LT1032



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com