Electronic Components Datasheet Search
  English  ▼

X  

BAS316 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAS316
Description  200mW High Voltage SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS316 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAS316 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS316 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS316 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAS316 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIMENSIONS
Min
Max
Min
Max
A
1.150
1.400
0.045
0.055
B
2.300
2.700
0.091
0.106
C
0.250
0.450
0.010
0.018
D
1.600
1.800
0.063
0.071
E
0.800
1.000
0.031
0.039
F
0.050
0.177
0.002
0.007
G
H
-
0.100
-
0.004
SUGGESTED PAD LAYOUT
G
X
X1
Y
Document Number: DS_S1311003
Version: C14
ORDER INFORMATION (EXAMPLE)
Min
0.59
DIM.
Unit (mm)
Unit (inch)
0.475 REF
0.019 REF
DIM.
Unit (mm)
Unit (inch)
Min
0.060
1.52
BAS316
Taiwan Semiconductor
Small Signal Product
0.018
0.45
0.106
2.70
0.023
B
A
E
D
C
F
G
H
BAS316 RRG
Green compound code
Packing code
Part no.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com