Electronic Components Datasheet Search
  English  ▼

X  

BAT42 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAT42
Description  Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT42 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAT42 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT42 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT42 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT42 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- Low forward voltage drop
- Through-hole device type mounting
- Hermetically sealed glasss
- Compression bonded construction
- Solder hot dip tin (Sn) lead finish
- All external surfaces are corrosion resistant and
leads are readily solderable
SYMBOL
UNIT
PD
mW
VRRM
V
VR
V
IF(AV)
mA
IFSM
A
TJ , TSTG
oC
SYMBOL
UNIT
Breakdown Voltage
BV
V
Maximum Peak Reverse Current
IR
nA
Junction Capacitance
CJ
pF
Reverse Recovery Time
trr
ns
Document Number: DS_S1412008
Version: C14
BAT42 / BAT43
Taiwan Semiconductor
Small Signal Product
Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
FEATURES
Power Dissipation
Repetitive Peak Reverse Voltage
PARAMETER
Maximum DC Blocking Voltage
DO-35
Hermetically Sealed Glass
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
V
Operating and Storage Temperature Range
PARAMETER
30
Average Forward Rectified Current
Peak Forward Surge Current
-1.00
-0.40
VR=1V,
f=1.0MHz
(Note 1)
VR=25V
BAT43
-1.00
0.26
0.33
500
7 (Typ)
Note 1: Reverse recovery test conditions: IF=IR=10mA, IRR=1mA, RL=100Ω
VALUE
200
30
30
200
4
-65 to +125
MIN
MAX
-0.65
-0.45
-
VF
5 (Typ)
Forward Voltage Drop All Types
IR=100μA
IF=200mA
IF=10mA
IF=50mA
IF=200mA
IF=2mA
IF=15mA
BAT42


Similar Part No. - BAT42

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT42 STMICROELECTRONICS-BAT42 Datasheet
89Kb / 4P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
logo
Diodes Incorporated
BAT42 DIODES-BAT42 Datasheet
50Kb / 1P
SCHOTTKY BARRIER SWITCHING DIODE
DS11001 Rev. G-2
logo
General Semiconductor
BAT42 GE-BAT42 Datasheet
42Kb / 2P
Schottky Diodes
logo
Galaxy Semi-Conductor H...
BAT42 BILIN-BAT42 Datasheet
165Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
GOOD-ARK Electronics
BAT42 GOOD-ARK-BAT42 Datasheet
56Kb / 1P
Small-Signal Diode
More results

Similar Description - BAT42

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BAS85 TAK_CHEONG-BAS85 Datasheet
75Kb / 2P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
TCBAT42 TAK_CHEONG-TCBAT42 Datasheet
68Kb / 2P
200 mW DO-35 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
TCBAT85 TAK_CHEONG-TCBAT85 Datasheet
67Kb / 2P
200 mW DO-35 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAS85 TSC-BAS85 Datasheet
51Kb / 1P
200mW Hermetically Sealed Glass Fast Switching Schottky Barrier Diodes
BAT42 TSC-BAT42 Datasheet
63Kb / 2P
200 mW Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
logo
Tak Cheong Electronics ...
BAS85 TAK_CHEONG-BAS85_11 Datasheet
311Kb / 3P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SCS133MT SECOS-SCS133MT Datasheet
267Kb / 2P
Hermetically Sealed Glass Switching Diode
SCS244MT SECOS-SCS244MT_15 Datasheet
203Kb / 2P
Hermetically Sealed Glass Switching Diode
logo
Taiwan Semiconductor Co...
BAS85 TSC-BAS85_14 Datasheet
192Kb / 3P
Hermetically Sealed Glass Fast Switching Schottky Barrier Diodes
logo
SHIKUES Electronics
BAS85 SKTECHNOLGY-BAS85 Datasheet
536Kb / 2P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com