Electronic Components Datasheet Search
  English  ▼

X  

LR6260 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR6260
Description  Low Dropout Voltage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6260 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR6260 Datasheet HTML 1Page - Leshan Radio Company LR6260 Datasheet HTML 2Page - Leshan Radio Company LR6260 Datasheet HTML 3Page - Leshan Radio Company LR6260 Datasheet HTML 4Page - Leshan Radio Company LR6260 Datasheet HTML 5Page - Leshan Radio Company LR6260 Datasheet HTML 6Page - Leshan Radio Company LR6260 Datasheet HTML 7Page - Leshan Radio Company LR6260 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PIN CONFIGURATION(Pin output sequence can be ordered by customer)
PIN NUMBER
PIN NAME
FUNCTION
SOT-23-3
SOT-89-3
M
P
PT
1
1
2
VSS
Ground
2
3
1
VOUT
Output
3
2
3
VIN
Power input
SOT-23-5
SOT-89-5
ABSOLUTE MAXIMUM RATINGS
(Unless otherwise specified, Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS-0.3~VSS+8
V
Output Current
IOUT
600
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
Power Dissipation
SOT-89
Pd
500
mW
SOT-23
Pd
250
mW
Operating Temperature
TOpr
-40~+85
℃
Storage Temperature
Tstg
-40~+125
℃
Soldering Temperature & Time
Tsolder
260 , 10s
℃
PIN NUMBER
SYMBOL
FUNCTION
1
VIN
Power Input Pin
2
VSS
Ground
3
CE
Chip Enable Pin
4
NC
No Connection
5
VOUT
Output Pin
PIN NUMBER
SYMBOL
FUNCTION
1
VOUT
Output Pin
2
VSS
Ground
3
NC
No Connection
4
CE
Chip Enable Pin
5
VIN
Power Input Pin
LESHAN RADIO COMPANY, LTD.
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com