Electronic Components Datasheet Search
  English  ▼

X  

BAS40 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS40
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS40 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS40_15 Datasheet HTML 1Page - Diodes Incorporated BAS40_15 Datasheet HTML 2Page - Diodes Incorporated BAS40_15 Datasheet HTML 3Page - Diodes Incorporated BAS40_15 Datasheet HTML 4Page - Diodes Incorporated BAS40_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAS40/ -04/ -05/ -06
Document number: DS11006 Rev. 25 - 2
1 of 5
www.diodes.com
December 2013
© Diodes Incorporated
BAS40/ -04/ -05/ -06
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Product Summary @TA = +25°C
VRRM (V)
IO (mA)
VFmax (V)
IRmax (μA)
40
200
1.0
0.2
Description
200mA surface mount Schottky Barrier Diode in SOT23 package,
offers low forward voltage drop and fast switching capability, designed
with PN Junction Guard Ring for Transient and ESD Protection, totally
lead-free finish and RoHS compliant, ”Green” device.
Features and Benefits
Low Forward Voltage Drop
Fast Switching
PN Junction Guard Ring for Transient and ESD Protection
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3) 
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
Polarity: See Diagrams Below
Weight: 0.008 grams (approximate)
Top View
BAS40
BAS40-04
BAS40-05
BAS40-06
Ordering Information (Note 4 & 5)
Part Number
Case
Packaging
BAS40-7-F / BAS40Q-7-F
SOT23
3000/Tape & Reel
BAS40-04-7-F / BAS40-04Q-7-F
SOT23
3000/Tape & Reel
BAS40-05-7-F / BAS40-05Q-7-F
SOT23
3000/Tape & Reel
BAS40-06-7-F / BAS40-06Q-7-F
SOT23
3000/Tape & Reel
BAS40-13-F / BAS40Q-13-F
SOT23
10000/Tape & Reel
BAS40-04-13-F / BAS40-04Q-13-F
SOT23
10000/Tape & Reel
BAS40-05-13-F / BAS40-05Q-13-F
SOT23
10000/Tape & Reel
BAS40-06-13-F / BAS40-06Q-13-F
SOT23
10000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
5. Products manufactured with Date Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Products manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
e3


Similar Part No. - BAS40_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAS40 SECOS-BAS40_15 Datasheet
243Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
NXP Semiconductors
BAS40 PHILIPS-BAS40_15 Datasheet
359Kb / 22P
General-purpose Schottky diodes
Rev. 9-18 March 2015
logo
Diotec Semiconductor
BAS40 DIOTEC-BAS40_15 Datasheet
153Kb / 2P
Surface Mount Schottky Barrier Single/Double Diodes
More results

Similar Description - BAS40_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com