Electronic Components Datasheet Search
  English  ▼

X  

BAT43X Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAT43X
Description  SOD-523F IFSM=4A 30V/200mA Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT43X Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAT43X Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT43X Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT43X Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT43X Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT43X Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(TA=25℃ unless otherwise noted)
Document Number: DS_S1405008
Version: A14
Small Signal Product
BAT43X
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0.1
1
10
100
1000
0
100
200
300
400
500
600
700
Forward Voltage (mV)
Fig.1 Typical Forward Characteristics
Ta=100°C
Ta=25°C
200
0.01
0.1
1
10
100
0
10
20
Reverse Voltage (V)
Fig. 2 Typical Reverse Characteristics
Ta=100°C
Ta=25°C
0
50
100
150
200
0
25
50
75
100
125
Ambient Temperature (°C)
Fig. 3 Power Derating Curve
0
5
10
15
20
0
5
10
15
20
Reverse Voltage (V)
Fig. 4 Typical Capacitance Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com