Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # R2000
Description  High Voltage General Purpose Plastic Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

R2000 Datasheet(HTML) 1 Page - Leshan Radio Company

  R2000_15 Datasheet HTML 1Page - Leshan Radio Company R2000_15 Datasheet HTML 2Page - Leshan Radio Company R2000_15 Datasheet HTML 3Page - Leshan Radio Company R2000_15 Datasheet HTML 4Page - Leshan Radio Company R2000_15 Datasheet HTML 5Page - Leshan Radio Company R2000_15 Datasheet HTML 6Page - Leshan Radio Company R2000_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low leakage
* Low forward voltage drop
* High current capability
* Easily cleaned with Freon,Alcohol
and similar solvents
* High temperature metallurgically
bonded construction
* Diffused junction
* Capable of meeting environmental standards
of MIL-S-19500
* High temperature soldering guaranteed:
260°C/10 seconds
Mechanical Data
Case: JEDEC DO-41, molded plastic body
We declare that the material of product compliance
Terminals: Plated axial leads, solderable per
with ROHS requirements
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.011 oz., 0.284 g
Handling precautin:None
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
R1200
R1500
R1800
R2000
Unit
Marking
R1200
R1500
R1800
R2000
Maximum repetitive peak reverse voltage
VRRM
1200
1500
1800
2000
V
Maximum RSM voltage
VRSM
840
1050
1260
1400V
Maximum DC blocking voltage
VDC
1200
1500
1800
2000V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 75°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 2)
RθJA
°
C/W
Operating junction and storage temperature range
TJ, TSTG
°
C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
R1200
R1500
R1800
R2000
Unit
Maximum instantaneous forward voltage at IF(AV)
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
IR
µ
A
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
R1200 thru R2000
–
50 to +150
55
2.0
15
5.0
100
-
0.2
25
High Voltage General Purpose Plastic Rectifiers
Reverse Voltage 1200 to 2000V Forward Current 0.2A


Similar Part No. - R2000_15

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
R2000 DACHANG-R2000_15 Datasheet
116Kb / 2P
High Voltage Rectifier
More results

Similar Description - R2000_15

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
10A05 SEMTECH_ELEC-10A05 Datasheet
81Kb / 1P
GENERAL PURPOSE PLASTIC RECTIFIERS
2A01 SEMTECH_ELEC-2A01 Datasheet
242Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIERS
RL201 SEMTECH_ELEC-RL201 Datasheet
208Kb / 1P
GENERAL PURPOSE PLASTIC RECTIFIERS
RL251 SEMTECH_ELEC-RL251 Datasheet
209Kb / 1P
GENERAL PURPOSE PLASTIC RECTIFIERS
logo
GOOD-ARK Electronics
P300A GOOD-ARK-P300A Datasheet
191Kb / 2P
General Purpose Plastic Rectifiers
logo
Leshan Radio Company
R2500 LRC-R2500 Datasheet
534Kb / 7P
High Voltage General Purpose Plastic Rectifiers Low leakage
R4000 LRC-R4000_15 Datasheet
207Kb / 7P
High Voltage General Purpose Plastic Rectifiers
R5000 LRC-R5000_15 Datasheet
534Kb / 7P
High Voltage General Purpose Plastic Rectifiers
logo
Rectron Semiconductor
FM3000 RECTRON-FM3000 Datasheet
217Kb / 7P
GENERAL-PURPOSE PLASTIC RECTIFIERS
logo
Shanghai Leiditech Elec...
RL201 LEIDITECH-RL201 Datasheet
530Kb / 2P
General-purpose Plastic Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com