Electronic Components Datasheet Search
  English  ▼

X  

BAS70 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAS70
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS70 Datasheet(HTML) 2 Page - Diodes Incorporated

  BAS70_15 Datasheet HTML 1Page - Diodes Incorporated BAS70_15 Datasheet HTML 2Page - Diodes Incorporated BAS70_15 Datasheet HTML 3Page - Diodes Incorporated BAS70_15 Datasheet HTML 4Page - Diodes Incorporated BAS70_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAS70/ -04/ -05/ -06
Marking Information
Date Code Key
Year
2001
2002
2003
….
2011
2012
2013
2014
2015
2016
2017
2018
2019
Code
M
N
P
….
Y
Z
A
B
C
D
E
F
G
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
V
RMS Reverse Voltage
VR(RMS)
49
V
Maximum Forward Continuous Current (Note 6)
IFM
70
mA
Non-Repetitive Peak Forward Surge Current
@ t
≤ 1.0s
IFSM
100
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
200
mW
Thermal Resistance Junction to Ambient Air (Note 6)
RθJA
625
°C/W
Operating Junction Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 7)
V(BR)R
70
—
V
IR = 10µA
Forward Voltage
VF
—
410
1000
mV
tp <300µs, IF = 1.0mA
tp <300µs, IF = 15mA
Reverse Current (Note 7)
IR
100
nA
tp <300µs, VR = 50V
Total Capacitance
CT
2.0
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
—
5.0
ns
IF = IR = 10mA to IR = 1.0mA,
RL =100
Ω
Reverse Recovery Time (for BAS70-04 only)
trr
—
2.0
ns
IF = IR = 10mA to IR = 1.0mA,
RL =100
Ω
Notes:
6.
Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
7.
Short duration pulse test used to minimize self-heating effect.
K=(SAT,Shanghai Assembly / Test site)
C=(CAT / DTC , ChengDu Assembly / Test site)
xx = Product Type Marking Code:
73, 7C = BAS70
74, 7D = BAS70-04
75, 7E = BAS70-05
76, 7F = BAS70-06
YM = Date Code Marking
Y = Year (ex: B = 2014)
M = Month (ex: 9 = September)
Kxx
Cxx
BAS70/ -04/ -05/ -06
Document number: DS11007 Rev. 24 - 2
2 of 5
www.diodes.com
August 2014
© Diodes Incorporated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com