Electronic Components Datasheet Search
  English  ▼

X  

LT1039AI Datasheet(PDF) 8 Page - Linear Technology

Part # LT1039AI
Description  Triple RS232 Driver/Receiver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1039AI Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1039AI Datasheet HTML 4Page - Linear Technology LT1039AI Datasheet HTML 5Page - Linear Technology LT1039AI Datasheet HTML 6Page - Linear Technology LT1039AI Datasheet HTML 7Page - Linear Technology LT1039AI Datasheet HTML 8Page - Linear Technology LT1039AI Datasheet HTML 9Page - Linear Technology LT1039AI Datasheet HTML 10Page - Linear Technology LT1039AI Datasheet HTML 11Page - Linear Technology LT1039AI Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1039A/LT1039A-16
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
J Package
16-Lead CERDIP (Narrow 0.300, Hermetic)
(LTC DWG # 05-08-1110)
J18 0694
0.015 – 0.060
(0.380 – 1.520)
0.100
± 0.010
(2.540
± 0.254)
0.014 – 0.026
(0.360 – 0.660)
0.045 – 0.068
(1.143 – 1.727)
0.200
(5.080)
MAX
0.125
(3.175)
MIN
0.008 – 0.018
(0.203 – 0.457)
0
° – 15°
0.385
± 0.025
(9.779
± 0.635)
1
2
3
4
56
78
0.220 – 0.310
(5.590 – 7.870)
0.960
(24.384)
MAX
0.005
(0.127)
MIN
16
13
9
10
11
12
14
15
17
18
0.025
(0.635)
RAD TYP
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE OR TIN PLATE LEADS.
0.300 BSC
(0.762 BSC)
0.045 – 0.068
(1.143 – 1.727)
FULL LEAD
OPTION
0.023 – 0.045
(0.584 – 1.143)
HALF LEAD
OPTION
CORNER LEADS OPTION
(4 PLCS)
J Package
18-Lead CERDIP (Narrow 0.300, Hermetic)
(LTC DWG # 05-08-1110)
J16 0996
0.015 – 0.060
(0.380 – 1.520)
0.100
± 0.010
(2.540
± 0.254)
0.014 – 0.026
(0.360 – 0.660)
0.045 – 0.068
(1.143 – 1.727)
0.200
(5.080)
MAX
0.125
(3.175)
MIN
0.008 – 0.018
(0.203 – 0.457)
0
° – 15°
0.385
± 0.025
(9.779
± 0.635)
1
23
4
5
6
78
0.220 – 0.310
(5.588 – 7.874)
0.840
(21.336)
MAX
0.005
(0.127)
MIN
16
13
9
10
11
12
14
15
0.025
(0.635)
RAD TYP
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE OR TIN PLATE LEADS.
0.300 BSC
(0.762 BSC)
0.045 – 0.068
(1.143 – 1.727)
FULL LEAD
OPTION
0.023 – 0.045
(0.584 – 1.143)
HALF LEAD
OPTION
CORNER LEADS OPTION
(4 PLCS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com