Electronic Components Datasheet Search
  English  ▼

X  

UPD75108 Datasheet(PDF) 1 Page - NEC

Part # UPD75108
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75108 Datasheet(HTML) 1 Page - NEC

  UPD75108 Datasheet HTML 1Page - NEC UPD75108 Datasheet HTML 2Page - NEC UPD75108 Datasheet HTML 3Page - NEC UPD75108 Datasheet HTML 4Page - NEC UPD75108 Datasheet HTML 5Page - NEC UPD75108 Datasheet HTML 6Page - NEC UPD75108 Datasheet HTML 7Page - NEC UPD75108 Datasheet HTML 8Page - NEC UPD75108 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
DESCRIPTION
µPD75108 is a 4-bit single-chip microcomputer integrating timer/event counters, serial interface, and vector
interrupt function, in addition to a CPU, ROM, RAM, and I/O ports, on a single chip. Operating at high speeds,
the microcomputer allows data to be manipulated in units of 1, 4, or 8 bits. In addition, various bit manipulation
instructions are provided to reinforce I/O manipulation capability. Equipped with I/Os for interfacing with
peripheral circuits operating on a different supply voltage, outputs that can directly drive LEDs, and analog
inputs,
µPD75108 is suitable for controlling such systems as VTRs, acoustic products, button telephones, radio
communications equipment, and printers. A pin-compatible EPROM model is also available for evaluation of
system development and small-scale production of application systems.
Detailed functions are described in the following user’s manual. Be sure to read it for designing.
µPD751XX Series User’s Manual: IEM-922
FEATURES
• Internal memory
• Program memory (ROM)
: 8068
× 8 bits (
µPD75108)
: 6016
× 8 bits (
µPD75106)
: 4096
× 8 bits (
µPD75104)
• Data memory (RAM)
: 512
× 4 bits (
µPD75108)
: 320
× 4 bits (
µPD75106, 75104)
• New architecture “75X series” rivaling 8-bit microcomputers
• 43 systematically organized instructions
• A wealth of bit manipulation instructions
• 8-bit data transfer, compare, operation, increment, and decrement instructions
• 1-byte relative branch instructions
• GETI instruction executing 2-/3-byte instruction with one byte
• High speed. Minimum instruction execution time: 0.95
µs (at 4.19 MHz), 5 V
• Power-saving, instruction time change function: 0.95
µs/1.91 µs/15.3 µs (at 4.19 MHz)
• I/O port pins as many as 58
• Three channels of 8-bit timers
• 8-bit serial interface
• Multiplexed vector interrupt function
• Model with PROM is available:
µPD75P108B (One-time PROM, EPROM)
© NEC Corporation 1989
Document No.
IC-2520B
(O. D. No.
IC-6906B)
Date Published
January 1994 P
Printed in Japan
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD75104, 75106, 75108
4-BIT SINGLE-CHIP MICROCOMPUTER
The mark 5 shows major revised points.
The information in this document is subject to change without notice.
Unless there are differences among
µPD75104, 75106, and 75108 functions, µPD75108 is treated as the
representative model throughout this manual.


Similar Part No. - UPD75108

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75108A NEC-UPD75108A Datasheet
460Kb / 66P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75108AGC NEC-UPD75108AGC Datasheet
460Kb / 66P
4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
UPD75108AGC-XXX-AB8 RENESAS-UPD75108AGC-XXX-AB8 Datasheet
544Kb / 68P
MOS INTEGRATED CIRCUIT
1989
logo
NEC
UPD75108F NEC-UPD75108F Datasheet
549Kb / 78P
4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
UPD75108F RENESAS-UPD75108F Datasheet
610Kb / 80P
MOS INTEGRATED CIRCUIT
1991
More results

Similar Description - UPD75108

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63408 EPSON-S1C63408 Datasheet
170Kb / 3P
4-bit Single Chip Microcomputer
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
4-bit Single Chip Microcomputer
S1C63632 EPSON-S1C63632 Datasheet
129Kb / 2P
4-bit Single Chip Microcomputer
S1C63658 EPSON-S1C63658 Datasheet
152Kb / 3P
4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com