Electronic Components Datasheet Search
  English  ▼

X  

BAT54W Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAT54W
Description  200mW Surface Mount Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54W Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAT54W Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54W Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54W Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT54W Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT54W Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Fast switching speed
- Surface mount device type
- Moisture sensitivity level 1
- Pb free and RoHS compliant
- Green compound (Halogen free) with suffix "G" on
- Voltage clamping
- Protection circuits
- Case: SOT-323 small outline plastic package
SYMBOL
UNIT
VRRM
V
VR
V
IF
mA
IFRM
mA
IFSM
mA
Ptot
mW
RthjA
K/W
TJ
oC
TSTG
oC
SYMBOL
UNIT
V(BR)R
V
IR
uA
CT
pF
trr
ns
Document Number: DS_S1404009
BAT54W/AW/CW/SW
Taiwan Semiconductor
Small Signal Product
200mW Surface Mount Schottky Barrier Diode
FEATURES
- Low forward voltage
packing code and prefix "G" on date code
Reverse Current
500
240
Reverse Breakdown Voltage
- Ultra high-speed swithing
SOT-323
MECHANICAL DATA
- High temperature soldering guaranteed: 260°C/10s
- Weight: 5mg (approximately)
at IF = 10 mA through IR = 10 mA
to IR = 1 mA, RL = 100
Ω
--
- 55 to + 150
125
625
2.0
320
400
--
MIN
Version: C14
5
30
--
--
--
--
10
--
Total Capacitance
Reverse Recovery Time
--
IR=100uA
at IF = 0.1 mA
at IF = 1 mA
at IF = 10 mA
at IF = 30 mA
at IF = 100 mA
VR=1V, f=1.0MHz
at VR = 25 V
600
300
MAX
200
Forward Voltage
VF
--
1000
200
PARAMETER
Total Power Dissipation
Thermal Resistance form Junction Ambient
Junction Temperature
Storage Temperature Range
mV
Peak Repetitive Reverse Voltage
Reverse Voltage
Forward Current
Repetitive Peak Forward Current
Peak Forward Surge Current (tp=10ms)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
VALUE
30
30


Similar Part No. - BAT54W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54W PANJIT-BAT54W Datasheet
121Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54W PHILIPS-BAT54W Datasheet
29Kb / 5P
Schottky barrier double diodes
1996 Mar 19
logo
STMicroelectronics
BAT54W STMICROELECTRONICS-BAT54W Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Won-Top Electronics
BAT54W WTE-BAT54W Datasheet
37Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAT54W DIODES-BAT54W Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30065 Rev. 2P-1
More results

Similar Description - BAT54W

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAT43W TSC-BAT43W Datasheet
162Kb / 2P
200mW Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70TW MCC-BAS70TW Datasheet
196Kb / 3P
200mW SCHOTTKY BARRIER Diode
BAS70WX MCC-BAS70WX Datasheet
175Kb / 2P
Surface Mount Schottky Barrier Diode 200mW
logo
Taiwan Semiconductor Co...
BAT42W TSC-BAT42W_08 Datasheet
162Kb / 2P
200mW Surface Mount Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
BAS70 LUGUANG-BAS70 Datasheet
159Kb / 2P
200mW Surface Mount Schottky Barrier Diode
BAT54 LUGUANG-BAT54 Datasheet
187Kb / 2P
200mW Surface Mount Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAT54T-G TSC-BAT54T-G Datasheet
393Kb / 4P
200mW Surface Mount Schottky Barrier Diode
BAT54T TSC-BAT54T_14 Datasheet
155Kb / 5P
200mW Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70WX MCC-BAS70WX_13 Datasheet
206Kb / 2P
Surface Mount Schottky Barrier Diode 200mW
logo
Shanghai Shunye Electro...
RB521S-30 SHUNYE-RB521S-30 Datasheet
355Kb / 3P
200mW SOD-523 SURFACE MOUNT Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com