Electronic Components Datasheet Search
  English  ▼

X  

BAT54AW Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BAT54AW
Description  200mW Surface Mount Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54AW Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BAT54AW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54AW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54AW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT54AW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT54AW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIMENSIONS
Min
Max
Min
Max
A
1.80
2.20
0.07
0.09
B
1.15
1.35
0.05
0.05
C
0.15
0.40
0.01
0.02
D
1.20
1.40
0.05
0.06
E
2.00
2.45
0.08
0.10
F
0.80
1.10
0.03
0.04
SUGGESTED PAD LAYOUT
A
B
C
D
PIN CONFIGURATION
Document Number: DS_S1404009
Small Signal Product
DIM.
Unit (mm)
Unit (inch)
DIM.
Unit (mm)
Unit (inch)
Typ.
BAT54W/AW/CW/SW
Taiwan Semiconductor
0.65
0.026
1.6
0.063
Typ.
0.8
0.031
Version: C14
0.8
0.031



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com