Electronic Components Datasheet Search
  English  ▼

X  

BAT54CW Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAT54CW
Description  200mW Surface Mount Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54CW Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAT54CW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT54CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT54CW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PART NO.
BAT54W
BAT54AW
BAT54CW
BAT54SW
PART NO.
BAT54W
BAT54W
Document Number: DS_S1404009
BAT54W/AW/CW/SW
Taiwan Semiconductor
Small Signal Product
ORDERING INFORMATION
PACKING
CODE
MANUFACTURE
CODE
GREEN
COMPOUND
CODE
PACKAGE
PACKING
MARKING
RF
(Note)
G
SOT-323
3K / 7" Reel
L4
RF
G
SOT-323
3K / 7" Reel
L42
RF
G
SOT-323
3K / 7" Reel
L43
Note: Manufacture special control, if empty means no special control requirement.
RF
G
SOT-323
3K / 7" Reel
L44
G
Green compound
EXAMPLE
PREFERRED P/N
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
BAT54W RFG
RF
G
Green compound
BAT54W-B0 RFG
B0
RF
Version: C14



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com