Electronic Components Datasheet Search
  English  ▼

X  

BC856A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BC856A
Description  PNP SMALL SIGNAL TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC856A Datasheet(HTML) 1 Page - Diodes Incorporated

  BC856A_15 Datasheet HTML 1Page - Diodes Incorporated BC856A_15 Datasheet HTML 2Page - Diodes Incorporated BC856A_15 Datasheet HTML 3Page - Diodes Incorporated BC856A_15 Datasheet HTML 4Page - Diodes Incorporated BC856A_15 Datasheet HTML 5Page - Diodes Incorporated BC856A_15 Datasheet HTML 6Page - Diodes Incorporated BC856A_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BC856A
– BC858C
Document Number: DS11207 Rev. 24 - 2
1 of 7
www.diodes.com
October 2014
© Diodes Incorporated
BC856A-BC858C
PNP SMALL SIGNAL TRANSISTOR IN SOT23
Features
Ideally Suited for Automatic Insertion
Complementary NPN Types: BC846
– BC848
For Switching and AF Amplifier Applications
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. "Green" Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT23
Case Material: Molded Plastic
, “Green” Molding Compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.008 grams (Approximate)
Ordering Information (Notes 4 & 5)
Product
Compliance
Marking
Reel Size
(inches)
Quantity
per Reel
Product
Compliance
Marking
Reel Size
(inches)
Quantity
per Reel
BC856A-7-F
AEC-Q101
K3A
7
3,000
BC857B-7-F
AEC-Q101
K3B
7
3,000
BC856AQ-7-F
Automotive
K3A
7
3,000
BC857BQ-7-F
Automotive
K3B
7
3,000
BC856B-7-F
AEC-Q101
K3B
7
3,000
BC857B-13-F
AEC-Q101
K3B
13
10,000
BC856BQ-7-F
Automotive
K3B
7
3,000
BC857C-7-F
AEC-Q101
K3G
7
3,000
BC856B-13-F
AEC-Q101
K3B
13
10,000
BC857C-13-F
AEC-Q101
K3G
13
10,000
BC856BQ-13-F
Automotive
K3B
13
10,000
BC858A-7-F
AEC-Q101
K3A
7
3,000
BC857A-7-F
AEC-Q101
K3A
7
3,000
BC858B-7-F
AEC-Q101
K3B
7
3,000
BC858C-7-F
AEC-Q101
K3G
7
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen and Antimony free, "Green"
and Lead-Free.
3.
Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. Tape width is 8mm. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2010
2011
2012
2013
2014
2015
2016
2017
Code
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
C
E
B
Top View
SOT23
Device Symbol
Top View
Pin-Out
xxx
xxx = Product Type Marking Code
(Please see Ordering Information)
YM = Date Code Marking
Y or Y = Year (ex: A = 2013)
M or M = Month (ex: 9 = September)


Similar Part No. - BC856A_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC856A SECOS-BC856A_15 Datasheet
263Kb / 3P
Elektronische Bauelemente
More results

Similar Description - BC856A_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC807 DIODES-BC807_15 Datasheet
251Kb / 7P
45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 19
MMBT2907A DIODES-MMBT2907A_15 Datasheet
389Kb / 7P
60V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 17
MMBT3906 DIODES-MMBT3906_15 Datasheet
301Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 17
MMBT5401 DIODES-MMBT5401_15 Datasheet
313Kb / 7P
150V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 10
MMBTA55 DIODES-MMBTA55_15 Datasheet
471Kb / 7P
PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 12
MMBTA92 DIODES-MMBTA92_15 Datasheet
355Kb / 5P
300V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 12
AC857BQ DIODES-AC857BQ Datasheet
433Kb / 7P
PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 3
AMBTA92Q DIODES-AMBTA92Q Datasheet
370Kb / 5P
300V PNP SMALL SIGNAL TRANSISTOR IN SOT23
May 2018 Rev. 1 - 2
BC856AQ DIODES-BC856AQ Datasheet
382Kb / 7P
PNP SMALL SIGNAL TRANSISTOR IN SOT23
November 2019 Rev. 1 - 2
BC857CQ DIODES-BC857CQ Datasheet
428Kb / 7P
45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
October 2017 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com