Electronic Components Datasheet Search
  English  ▼

X  

LT1070 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1070
Description  5A and 2.5A High Efficiency Switching Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1070 Datasheet(HTML) 3 Page - Linear Technology

  LT1070 Datasheet HTML 1Page - Linear Technology LT1070 Datasheet HTML 2Page - Linear Technology LT1070 Datasheet HTML 3Page - Linear Technology LT1070 Datasheet HTML 4Page - Linear Technology LT1070 Datasheet HTML 5Page - Linear Technology LT1070 Datasheet HTML 6Page - Linear Technology LT1070 Datasheet HTML 7Page - Linear Technology LT1070 Datasheet HTML 8Page - Linear Technology LT1070 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1070/LT1071
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFB
Flyback Reference Voltage
IFB = 50µA
15
16.3
17.6
V
q
14
18.0
V
Change in Flyback Reference Voltage
0.05
≤ IFB ≤ 1mA
4.5
6.8
8.5
V
Flyback Reference Voltage Line Regulation
IFB = 50µA, 3V ≤ VIN ≤ VMAX (Note 3)
0.01
0.03
%/V
Flyback Amplifier Transconductance (gm)
∆IC = ±10µA
150
300
650
µmho
Flyback Amplifier Source and Sink Current
VC = 0.6V, IFB = 50µA (Source)
q
15
32
70
µA
VC = 0.6V, IFB = 50µA (Sink)
q
25
40
70
µA
BV
Output Switch Breakdown Voltage
3V
≤ VIN ≤ VMAX, ISW = 1.5mA
(LT1070/LT1071)
q
65
90
V
(LT1070HV/LT1071HV)
q
75
90
V
VSAT
Output Switch “On” Resistance (Note 4)
LT1070
q
0.15
0.24
Ω
LT1071
q
0.30
0.50
Ω
Control Voltage to Switch Current
LT1070
8
A/V
Transconductance
LT1071
4
A/V
ILIM
Switch Current Limit (LT1070)
Duty Cycle
≤ 50%, TJ ≥ 25°C
q
510
A
Duty Cycle
≤ 50%, TJ < 25°C
q
511
A
Duty Cycle = 80% (Note 5)
q
410
A
Switch Current Limit (LT1071)
Duty Cycle
≤ 50%, TJ ≥ 25°C
q
2.5
5.0
A
Duty Cycle
≤ 50%, TJ < 25°C
q
2.5
5.5
A
Duty Cycle = 80% (Note 5)
q
2.0
5.0
A
∆IIN
Supply Current Increase During
25
35
mA/A
∆ISW
Switch “On” Time
f
Switching Frequency
35
40
45
kHz
q
33
47
kHz
DC (Max)
Maximum Switch Duty Cycle
90
92
97
%
Flyback Sense Delay Time
1.5
µs
Shutdown Mode Supply Current
3V
≤ VIN ≤ VMAX, VC = 0.05V
100
250
µA
Shutdown Mode Threshold Voltage
3V
≤ VIN ≤ VMAX
100
150
250
mV
q
50
300
mV
VIN = 15V, VC = 0.5V, VFB = VREF, output pin open unless otherwise specified.
The q denotes the specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life of
a device may be impaired.
Note 2: Minimum switch “on” time for the LT1070/LT1071 in current limit is
≈1µs. This limits the maximum input voltage during short-circuit conditions,
in the buck and inverting modes only, to
≈35V.Normal(unshorted)conditions
are not affected. Mask changes are being implemented which will reduce
minimum “on” time to
≤1µs, increasing maximum short-circuit input voltage
above 40V. If the present LT1070/LT1071 (contact factory for package date
code) is being operated in the buck or inverting mode at high input voltages
and short-circuit conditions are expected, a resistor must be placed in series
with the inductor, as follows:
The value of the resistor is given by:
R =
– RL
t • f • VIN – VF
ILIMIT
t = Minimum “on” time of LT1070/LT1071 in current limit,
≈1µs
f = Operating frequency (40kHz)
VF = Forward voltage of external catch diode at ILIMIT
ILIMIT = Current limit of LT1070 (≈8A), LT1071 (≈ 4A)
RL = Internal series resistance of inductor
Note 3: VMAX = 55V for LT1070HV and LT1071HV to avoid switch
breakdown.
Note 4: Measured with VC in hi clamp, VFB = 0.8V. ISW = 4A for LT1070
and 2A for LT1071.
Note 5: For duty cycles (DC) between 50% and 80%, minimum
guaranteed switch current is given by ILIM = 3.33 (2 – DC) for the
LT1070 and ILIM = 1.67 (2 – DC) for the LT1071.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com