Electronic Components Datasheet Search
  English  ▼

X  

BAV21WS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV21WS
Description  200mW High Voltage SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV21WS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV21WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV21WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV21WS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV21WS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- Surface mount device type
- Moisture sensitivity level 1
- Matte tin (Sn) lead finish
- Pb free version and RoHS compliant
- Packing code with suffix "G" means
green compound (halogen-free)
- Case: Flat lead SOD-323F small outline plastic package
- Polarity: Indicated by cathode band
- Weight: 4.5 ± 0.5 mg
SYMBOL
UNIT
PD
mW
VRRM
V
IF(AV)
mA
TJ , TSTG
oC
SYMBOL
UNIT
CJ
pF
trr
ns
Document Number: DS_S1501004
Version: D15
Taiwan Semiconductor
Small Signal Product
200mW High Voltage SMD Switching Diode
FEATURES
SOD-323F
BAV19WS/BAV20WS/BAV21WS
MECHANICAL DATA
- Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed : 260°C/10s
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
VALUE
V
VF
V
VR
PARAMETER
IFSM
A
Junction and Storage Temperature Range
Non-Repetitive Peak Forward
Surge Current
Pulse Width = 1 s
nA
Note 1: Test condition : IR= 100μA
BAV21WS
BAV20WS
BAV19WS
IR
Note 2: Test condition : BAV19WS @ VR=100V, BAV20WS @ VR=150V, BAV21WS @ VR=200V
Note 3: Test condition : IF= IR= 30mA , RL=100Ω , Irr=3mA
Breakdown Voltage
(Note 1)
Reverse Recovery Time (Note 3)
Junction Capacitance
Reverse Leakage Current
(Note 2)
Forward Voltage
VR=0, f=1.0MHz
Pulse Width = 1 μs
Average Rectified Forward Current
Repetitive Peak Reverse Voltage
Power Dissipation
-65 to 150
0.5
2.5
200
250
200
MIN
MAX
120
200
-
250
-1
IF=100mA
BAV21WS
BAV20WS
BAV19WS
IF=200mA
-5
-50
-
-
100
-
-1


Similar Part No. - BAV21WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV21WS PANJIT-BAV21WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV21WS DIODES-BAV21WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV21WS GE-BAV21WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV21WS DIOTEC-BAV21WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Diodes Incorporated
BAV21WS DIODES-BAV21WS Datasheet
352Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 11 - 2
More results

Similar Description - BAV21WS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N914BWS TSC-1N914BWS Datasheet
100Kb / 2P
200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
200mW High Speed SMD Switching Diode
1SS400 TSC-1SS400 Datasheet
349Kb / 3P
200mW, SMD High Speed Switching Diode
BAS316 TSC-BAS316 Datasheet
138Kb / 3P
200mW High Voltage SMD Switching Diode
TS4148CRZG TSC-TS4148CRZG Datasheet
130Kb / 2P
200mW High Speed SMD Switching Diode
1N4X48WS TSC-1N4X48WS Datasheet
406Kb / 3P
200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_15 Datasheet
186Kb / 4P
200mW High Speed SMD Switching Diode
1SS355 TSC-1SS355_14 Datasheet
163Kb / 3P
200mW High Speed SMD Switching Diode
BAS316 TSC-BAS316_15 Datasheet
218Kb / 4P
200mW High Voltage SMD Switching Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
200mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com