Electronic Components Datasheet Search
  English  ▼

X  

BST39TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BST39TA
Description  350V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BST39TA Datasheet(HTML) 1 Page - Diodes Incorporated

  BST39TA Datasheet HTML 1Page - Diodes Incorporated BST39TA Datasheet HTML 2Page - Diodes Incorporated BST39TA Datasheet HTML 3Page - Diodes Incorporated BST39TA Datasheet HTML 4Page - Diodes Incorporated BST39TA Datasheet HTML 5Page - Diodes Incorporated BST39TA Datasheet HTML 6Page - Diodes Incorporated BST39TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BST39
Document number: DS33021 Rev. 5 - 2
1 of 7
www.diodes.com
July 2014
© Diodes Incorporated
BST39
A Product Line of
Diodes Incorporated
350V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
Features
•
BVCEO > 350V
•
IC = 0.5A High Continuous Current
•
ICM = 1A Peak Pulse Current
•
High HFE Hold Up
•
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT89
•
Case Material: Molded Plastic, “Green” Molding Compound
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
•
Weight: 0.072 grams (Approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
BST39TA
AT1
7
12
1,000
BST39-13R
AT1
13
12
4,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http”//www.diodes.com/products/packages.html.
Marking Information
Top View
SOT89
Device Symbol
Top View
Pin-Out
C
E
B
C
E
C
B
AT1 = Product Type Marking Code
AT1


Similar Part No. - BST39TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BST39TA DIODES-BST39TA Datasheet
32Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
JUNE 1996
BST39TA DIODES-BST39TA Datasheet
467Kb / 7P
350V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
July 2014 Rev. 5 - 2
More results

Similar Description - BST39TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN5551Z ZETEX-ZXTN5551Z Datasheet
226Kb / 8P
160V, SOT89, NPN high voltage transistor
logo
Diodes Incorporated
ZXTN5551Z DIODES-ZXTN5551Z Datasheet
237Kb / 8P
160V, SOT89, NPN high voltage transistor
AUGUST 2007
ZXTN25012EZ DIODES-ZXTN25012EZ Datasheet
400Kb / 8P
12V NPN high gain transistor in SOT89
DECEMBER 2007
ZXTN25020DZ DIODES-ZXTN25020DZ Datasheet
407Kb / 8P
20V NPN high gain transistor in SOT89
JANUARY 2008
ZXTN25100DZ DIODES-ZXTN25100DZ Datasheet
415Kb / 8P
100V NPN high gain transistor in SOT89
DECEMBER 2007
DXT5551 DIODES-DXT5551_15 Datasheet
419Kb / 6P
160V NPN TRANSISTOR IN SOT89
Rev 3
FCX458 DIODES-FCX458_15 Datasheet
569Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
Rev 6
ZXTN25100DZ DIODES-ZXTN25100DZ_15 Datasheet
415Kb / 8P
100V NPN high gain transistor in SOT89
DECEMBER 2007
FMMT6517 DIODES-FMMT6517_17 Datasheet
325Kb / 7P
350V NPN HIGH VOLTAGE TRANSISTOR
Rev 4
BST39 DIODES-BST39 Datasheet
467Kb / 7P
350V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
July 2014 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com