Electronic Components Datasheet Search
  English  ▼

X  

UPD750106CU Datasheet(PDF) 71 Page - NEC

Part # UPD750106CU
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750106CU Datasheet(HTML) 71 Page - NEC

Back Button UPD750106CU Datasheet HTML 67Page - NEC UPD750106CU Datasheet HTML 68Page - NEC UPD750106CU Datasheet HTML 69Page - NEC UPD750106CU Datasheet HTML 70Page - NEC UPD750106CU Datasheet HTML 71Page - NEC UPD750106CU Datasheet HTML 72Page - NEC UPD750106CU Datasheet HTML 73Page - NEC UPD750106CU Datasheet HTML 74Page - NEC UPD750106CU Datasheet HTML 75Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
71
µPD750104, 750106, 750108, 750104(A), 750106(A), 750108(A)
APPENDIX A FUNCTIONS OF THE
µPD750008, µPD750108, AND µPD75P0116
(1/2)
Item
µPD750008
µPD750108
µPD75P0116
Program memory
Masked ROM
One-time PROM
0000H - 1FFFH
0000H - 3FFFH
(8,192
× 8 bits)
(16,384
× 8 bits)
Data memory
000H - 1FFH
(512
× 4 bits)
CPU
75XL CPU
General-purpose register
(4 bits
× 8 or 8 bits × 4) × 4 banks
Main system clock oscillator
Crystal/ceramic
RC oscillator (with external resistor and
oscillator
capacitor)
Time required for start after reset
2 17/fX, 215/fX
Fixed to 56/fCC
(selected using a mask
option)
Wait time applied when STOP
220/fX, 217/fX, 215/fX,
29/fCC or no wait
Fixed to 29/fCC
mode is released by an interrupt
213/fX (selected accord-
(selected using a mask
ing to BTM setting)
option)
Subsystem clock oscillator
Crystal oscillator
When selecting the main
• 0.95, 1.91, 3.81, or 15.3 • 4, 8, 16, or 64
µs (when operating at fCC = 1.0 MHz)
system clock
µs (when operating at
fX =4.19 MHz)
• 2, 4, 8, or 32
µs (when operating at fCC = 2.0 MHz)
• 0.67, 1.33, 2.67, or 10.7
µs (when operating at
fX = 6.0 MHz)
When selecting the
122
µs (when operating at 32.768 kHz)
subsystem clock
CMOS input
8 (Built-in pull-up resistors that can be connected by software: 7)
CMOS I/O
18 (Built-in pull-up resistors that can be connected by software)
N-ch open-drain I/O
8 (Pull-up resistors that can be incorporated by
8 (No mask option)
mask option)
Withstand voltage of
Withstand voltage of 13 V
13 V
Total
34
Timer
4 channels
4 channels
• 8-bit timer counter: 1
• 8-bit timer counter (clock timer output function
• 8-bit timer/event
provided): 1
counter: 1
• 8-bit timer/event counter: 1
• Basic interval timer/
• Basic interval timer/watchdog timer: 1
watchdog timer: 1
• Clock timer: 1
• Clock timer: 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com