Electronic Components Datasheet Search
  English  ▼

X  

LT1081 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1081
Description  Advanced Low Power 5V RS232 Dual Driver/Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1081 Datasheet(HTML) 3 Page - Linear Technology

  LT1081 Datasheet HTML 1Page - Linear Technology LT1081 Datasheet HTML 2Page - Linear Technology LT1081 Datasheet HTML 3Page - Linear Technology LT1081 Datasheet HTML 4Page - Linear Technology LT1081 Datasheet HTML 5Page - Linear Technology LT1081 Datasheet HTML 6Page - Linear Technology LT1081 Datasheet HTML 7Page - Linear Technology LT1081 Datasheet HTML 8Page - Linear Technology LT1081 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1080/LT1081
ELECTRICAL C
C
HARA TERISTICS The q denotes the specifications which apply over the full operating
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Driver
Output Voltage Swing
Load = 3k to GND Both Outputs
Positive
q
5
7.3
V
Negative
q
–5
–6.5
V
Logic Input Voltage Level
Input Low Level (VOUT = High)
q
1.4
0.8
V
Input High Level (VOUT = Low)
q
2
1.4
V
Logic Input Current
VIN ≥ 2V
q
520
µA
VIN ≤ 0.8V
q
520
µA
Output Short-Circuit Current
Sourcing Current, VOUT = 0V
9
12
mA
Sinking Current, VOUT = 0V
–9
–12
mA
Output Leakage Current
SHUTDOWN (Note 3), VOUT = ±30V
q
10
100
µA
Data Rate (Note 6)
RL = 3k, CL = 2500pF
120
kBd
RL = 3k, CL = 1000pF
250
kBd
Slew Rate
RL = 3k, CL = 51pF
4
15
30
V/
µs
Receiver
Input Voltage Thresholds
Input Low Threshold
Commercial
q
0.8
1.3
V
Industrial and Military
q
0.2
1.3
V
Input High Threshold
Commercial
q
1.7
2.4
V
Industrial and Military
q
1.7
3.0
V
Hysteresis
q
0.1
0.4
1
V
Input Resistance
VIN = ±10V
3
5
7
k
Ω
Output Voltage
Output Low, IOUT = –1.6mA
q
0.2
0.4
V
Output High, IOUT = 160µA (VCC = 5V)
q
3.5
4.8
V
Output Short-Circuit Current
Sinking Current, VOUT = VCC
–10
–20
mA
Sourcing Current, VOUT = 0V
0.6
1
mA
Output Leakage Current
SHUTDOWN (Note 3), 0V
≤ VOUT ≤ VCC
q
110
µA
Power Supply Generator (Note 4)
V+ Output Voltage
IOUT = 0mA
8.0
9.0
V
IOUT = 10mA
7.0
8.0
V
IOUT = 15mA
6.5
7.5
V
V– Output Voltage
IOUT = 0mA
–7.5
–8.5
V
IOUT = –10mA
–5.5
–6.5
V
IOUT = –15mA
–5.0
–6.0
V
Supply Current
q
12
22
mA
Supply Leakage Current (VCC)
SHUTDOWN (Note 3), LT1080 Only
q
1
100
µA
ON/OFF Pin Current
0V
≤ VON/OFF ≤ 5V, LT1080 Only
q
–15
80
µA
Supply Rise Time
(Note 5), LT1080 Only
1
ms
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: These parameters apply for 4.5V
≤ VCC ≤ 5.5V and VON/OFF = 3V,
unless otherwise specified.
Note 3: VON/OFF = 0.4V for –55°C ≤ TA ≤ 50°C, and VON/OFF = 0.2V for
50
°C ≤ TA ≤ 125°C. (LT1080 only)
Note 4: Unless otherwise specified, VCC = 5V, external loading of V
+ and
V– equals zero and the driver outputs are low (inputs high).
Note 5: Time from either SHUTDOWN high or power on until V+
≥ 6V and
V–
≤ –6V. All external capacitors are 1µF.
Note 6: Data rate operation guaranteed by slew rate, short-circuit current
and propagation delay tests.
temperature range, otherwise specifications are at TA = 25°C. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com