Electronic Components Datasheet Search
  English  ▼

X  

LT1083 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1083
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1083 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1083 Datasheet HTML 2Page - Linear Technology LT1083 Datasheet HTML 3Page - Linear Technology LT1083 Datasheet HTML 4Page - Linear Technology LT1083 Datasheet HTML 5Page - Linear Technology LT1083 Datasheet HTML 6Page - Linear Technology LT1083 Datasheet HTML 7Page - Linear Technology LT1083 Datasheet HTML 8Page - Linear Technology LT1083 Datasheet HTML 9Page - Linear Technology LT1083 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1083/84/85 Fixed
TYPICAL PERFORMANCE CHARACTERISTICS
30
40
50
20
10
0
60
70
80
FREQUENCY (Hz)
10
1k
10k
100k
1083/4/5 FIXED G13
100
VRIPPLE
≤ 0.5VP-P
VRIPPLE ≤ 3VP-P
(VIN – VOUT) ≥ 3V
(VIN – VOUT) ≥ VDROPOUT
IOUT = IFULL LOAD
LT1083/4/5-12 Ripple Rejection
CASE TEMPERATURE (°C)
50
100
90
80
70
60
50
40
30
20
10
0
LT1083/4/5 FIXED G15
60 70 80 90 100 110 120 130 140 150
LT1083MK
LT1083CP
LT1083CK
* AS LIMITED BY MAXIMUM JUNCTION TEMPERATURE
LT1083 Maximum Power
Dissipation*
OUTPUT CURRENT (0 TO IFULL LOAD)
0
100
90
80
70
60
50
40
30
20
10
0
0.4
0.8
1.0
1083/4/5 FIXED G14
0.2
0.6
fR = 120Hz
VRIPPLE ≤ 3VP-P
fR = 20kHz
VRIPPLE ≤ 0.5VP-P
LT1083/4/5-12 Ripple Rejection
vs Current
LT1085 Maximum Power
Dissipation*
CASE TEMPERATURE (°C)
50
50
40
30
20
10
0
LT1083/4/5 FIXED G17
60 70 80 90 100 110 120 130 140 150
LT1085MK
LT1085CT
LT1085CK
* AS LIMITED BY MAXIMUM JUNCTION TEMPERATURE
LT1084 Maximum Power
Dissipation*
CASE TEMPERATURE (°C)
50
60
50
40
30
20
10
0
LT1083/4/5 FIXED G16
60 70 80 90 100 110 120 130 140 150
LT1084MK
LT1084CT
LT1084CP
* AS LIMITED BY MAXIMUM JUNCTION TEMPERATURE
LT1084CK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com