Electronic Components Datasheet Search
  English  ▼

X  

LT1079M Datasheet(PDF) 16 Page - Linear Technology

Part # LT1079M
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1079M Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1079M Datasheet HTML 12Page - Linear Technology LT1079M Datasheet HTML 13Page - Linear Technology LT1079M Datasheet HTML 14Page - Linear Technology LT1079M Datasheet HTML 15Page - Linear Technology LT1079M Datasheet HTML 16Page - Linear Technology LT1079M Datasheet HTML 17Page - Linear Technology LT1079M Datasheet HTML 18Page - Linear Technology LT1079M Datasheet HTML 19Page - Linear Technology LT1079M Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1078/LT1079
TYPICAL APPLICATIONS
Micropower Dead Zone Generator
2
3
1
1/4 LT1079
510k
1M**
1M**
1M*
Q1
2N4393
6
5
7
1/4 LT1079
9
10
8
1/4 LT1079
13
12
14
1/4 LT1079
1M**
Q4
Q2
Q3
470k
1M*
GAIN
200k
510k
1M**
510k
4
11
9V
1M
1M
680k
1M
1N914
1N914
Q5
–9V
Q6
2N4393
1000pF
VSET
DEAD ZONE
CONTROL INPUT
0.4V TO 5V
VOUT
LT1078/79 • TA12
BIPOLAR SYMMETRY IS EXCELLENT
BECAUSE ONE DEVICE, Q2,
SETS BOTH LIMITS
SUPPLY CURRENT
≈ 240µA
BANDWIDTH = 150kHz
INPUT
*
**
1% FILM
RATIO MATCH 0.05%
Q2, Q3, Q4, Q5 CA3096 TRANSISTOR ARRAY
VSET
VSET
VOUT
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com