Electronic Components Datasheet Search
  English  ▼

X  

RA0006 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RA0006
Description  ULTRAFAST RECOVERY RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0006 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RA0006 Datasheet HTML 1Page - Solid States Devices, Inc RA0006 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C
B
A
PRELIMINARY
ELECTRICAL CHARACTERISTIC 1/
SYMBOL
UNITS
MAXIMUM
Reverse Leakage Current
(Rated VR, 300:s pulse minimum )
IR2
mA
0.40
2
:A
IR1
Reverse Leakage Current
(Rated VR, TA = 100oC, 300:s pulse minimum )
Instantaneous Forward Voltage Drop
(IF = 0.5A, 300 - 500:sec pulse)
5.5
9.5
15.0
19.0
24.5
28.5
38.0
47.5
Vdc
VF1
Reverse Recovery Time
(IF = 0.5A, IR = 1.0A, IRR = 0.25A)
tRR
80
nsec
SOLID STATE DEVICES, INC.
CASE OUTLINE: HV STICK
SDA2500UF
thru
SDA25000UF
1/ TA = 25oC, Unless otherwise specified
SDA2500UF
SDA5000UF
SDA7500UF
SDA10000UF
SDA12500UF
SDA15000UF
SDA20000UF
SDA25000UF
PART NUMBER
A
6.030
B
6.020
C
6.010
SDA2500UF
1.125
0.500
0.250
SDA10000UF
2.000
SDA12500UF
2.375
SDA15000UF
2.750
SDA20000UF
3.500
SDA25000UF
4.250
SDA7500UF
1.625
SDA5000UF
1.125
0.500
0.250
0.500
0.250
0.500
0.250
0.500
0.250
0.500
0.250
0.500
0.250
0.500
0.250
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com