Electronic Components Datasheet Search
  English  ▼

X  

LTC1530 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1530
Description  High Power Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1530 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1530 Datasheet HTML 9Page - Linear Technology LTC1530 Datasheet HTML 10Page - Linear Technology LTC1530 Datasheet HTML 11Page - Linear Technology LTC1530 Datasheet HTML 12Page - Linear Technology LTC1530 Datasheet HTML 13Page - Linear Technology LTC1530 Datasheet HTML 14Page - Linear Technology LTC1530 Datasheet HTML 15Page - Linear Technology LTC1530 Datasheet HTML 16Page - Linear Technology LTC1530 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC1530
1530fa
where L is the inductor value in
µH. With proper frequency
compensation, the combination of the inductor and output
capacitor values determine the transient recovery time. In
general, a smaller value inductor improves transient
response at the expense of ripple and inductor core
saturation rating. A 2
µH inductor has a 0.9A/µs rise time
in this application, resulting in a 5.5
µs delay in responding
to a 5A load current step. During this 5.5
µs, the difference
between the inductor current and the output current is
made up by the output capacitor. This action causes a
temporary voltage droop at the output. To minimize this
effect, the inductor value should usually be in the 1
µH to
5
µH range for most 5V input LTC1530 circuits. Different
combinations of input and output voltages and expected
loads may require different values.
Once the required inductor value is selected, choose the
inductor core type based on peak current and efficiency
requirements. Peak current in the inductor is equal to the
maximum output load current plus half of the peak-to-
peak inductor ripple current. Inductor ripple current is set
by the inductor’s value, the input voltage, the output
voltage and the operating frequency. If the efficiency is
high, ripple current is approximately equal to:
I
VV
V
fL
V
RIPPLE
IN
OUT
OUT
OSC
O
IN
=
−
()( )
()( )( )
where
fOSC = LTC1530 oscillator frequency
LO = Inductor value
Solving this equation for a typical 5V to 2.8V application
with a 2
µH inductor, ripple current is:
22
056
300
2
2
..
V
kHz
H
A
()( )
()( )
=
µ
P-P
Peak inductor current at 11.2A load:
11 2
2
2
12 2
..
A
A
A
+=
The ripple current should generally fall between 10% and
40% of the output current. The inductor must be able to
withstand this peak current without saturating, and the
copper resistance in the winding should be kept as low as
possible to minimize resistive power loss. Note that in
APPLICATIO S I FOR ATIO
RDS(ON)
TYPICAL INPUT
AT 25
°C
RATED CURRENT
CAPACITANCE
θθθθθJC
TJMAX
MANUFACTURER
PART NO.
PACKAGE
(
Ω)
(A)
Ciss (pF)
(
°C/W)
(
°C)
Siliconix
SUD50N03-10
TO-252
0.019
15A at 25
°C
3200
1.8
175
10A at 100
°C
Siliconix
Si4410DY
SO-8
0.020
10A at 25
°C
2700
—
150
8A at 75
°C
ON Semiconductor
MTD20N03HDL
DPAK
0.035
20A at 25
°C
880
1.67
150
16A at 100
°C
Fairchild
FDS6680
SO-8
0.01
11.5A at 25
°C
2070
25
150
ON Semiconductor
MTB75N03HDL*
D2PAK
0.0075
75A at 25
°C
4025
1.0
150
59A at 100
°C
IR
IRL3103S
D2PAK
0.014
56A at 25
°C
1600
1.8
175
40A at 100
°C
IR
IRLZ44
TO-220
0.028
50A at 25
°C
3300
1.0
175
36A at 100
°C
Fuji
2SK1388
TO-220
0.037
35A at 25
°C
1750
2.08
150
Note: Please refer to the manufacturer’s data sheet for testing conditions and detailed information.
*Users must consider the power dissipation and thermal effects in the LTC1530 if driving external MOSFETs with high values of input capacitance.
Refer to the PVCC Supply Current vs GATE Capacitance in the Typical Performance Characteristics section.
Table 1. Recommended MOSFETs for LTC1530 Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com