Electronic Components Datasheet Search
  English  ▼

X  

BYG20D Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BYG20D
Description  1.5A, 200V - 600V High Efficient Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BYG20D Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BYG20D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BYG20D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BYG20D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BYG20D Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(TA=25°C unless otherwise noted)
Document Number: DS_D0000075
Version: C15
G
R3
H
PART NO.
PREFERRED
PART NO.
7,500 / 13" Plastic reel
H
Note 1: "x" defines voltage from 200V (BYG20D) to 600V (BYG20J)
PART NO.
SUFFIX
PACKING CODE
SUFFIX
PACKING
CODE
DESCRIPTION
RATINGS AND CHARACTERISTICS CURVES
PART NO.
PART NO.
SUFFIX
PACKING
CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
1,800 / 7" Plastic reel
7,500 / 13" Paper reel
7,500 / 13" Plastic reel
BYG20DHR3G
BYG20D
AEC-Q101 qualified
Green compound
EXAMPLE
F4
Folded SMA
F3
Folded SMA
F2
Folded SMA
1,800 / 7" Plastic reel
7,500 / 13" Paper reel
BYG20x
(Note 1)
R3
G
SMA
R2
SMA
M2
SMA
BYG20D - BYG20J
Taiwan Semiconductor
ORDERING INFORMATION
0
0.5
1
1.5
2
0
20406080
100
120
140
160
LEAD TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
0
10
20
30
40
50
60
70
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3mS Single Half Sine Wave
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com