Electronic Components Datasheet Search
  English  ▼

X  

BAS16 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS16
Description  SURFACE MOUNT SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS16_15 Datasheet HTML 1Page - Diodes Incorporated BAS16_15 Datasheet HTML 2Page - Diodes Incorporated BAS16_15 Datasheet HTML 3Page - Diodes Incorporated BAS16_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS16 / MMBD4148 / MMBD914
Document number: DS12003 Rev. 31 - 2
1 of 4
www.diodes.com
January 2015
© Diodes Incorporated
BAS16 / MMBD4148 / MMBD914
SURFACE MOUNT SWITCHING DIODE
Features
•
Fast Switching Speed
•
Surface Mount Package Ideally Suited for Automated Insertion
•
For General Purpose Switching Applications
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Notes 3 & 4)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT23
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish Annealed over Alloy 42 Leadframe
(Lead Free Plating).
Solderable per MIL-STD-202, Method 208
•
Polarity: See Diagram
•
Weight: 0.008 grams (Approximate)
Ordering Information (Note 5)
Part Number
Compliance
Case
Packaging
BAS16-7-F
Standard
SOT23
3,000/Tape & Reel
BAS16-13-F
Standard
SOT23
10,000/Tape & Reel
BAS16Q-7-F
Automotive
SOT23
3,000/Tape & Reel
BAS16Q-13-F
Automotive
SOT23
10,000/Tape & Reel
MMBD4148-7-F
Standard
SOT23
3,000/Tape & Reel
MMBD4148-13-F
Standard
SOT23
10,000/Tape & Reel
MMBD914-7-F
Standard
SOT23
3,000/Tape & Reel
MMBD914-13-F
Standard
SOT23
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Product manufactured with Date Code 9W (week 39, 2009) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code 9W are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2002
2003
…..
2011
2012
2013
2014
2015
2016
2017
2018
2019
2020
Code
N
P
…..
Y
Z
A
B
C
D
E
F
G
H
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT23
Top View
Internal Schematic
KA2 = Product Type Marking Code
YM = Date Code Marking for SAT
Y = Year (ex: C = 2015)
M = Month (ex: 9 = September)
KA2 = Product Type Marking Code
= Date Code Marking for CAT
= Year (ex: C = 2015)
M = Month (ex: 9 = September)
Y
YM


Similar Part No. - BAS16_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAS16 SECOS-BAS16_15 Datasheet
692Kb / 2P
Surface Mount Switching Diode
logo
NXP Semiconductors
BAS16 PHILIPS-BAS16_15 Datasheet
291Kb / 21P
High-speed switching diodes
Rev. 6-24 September 2014
More results

Similar Description - BAS16_15

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com