Electronic Components Datasheet Search
  English  ▼

X  

LT1107 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1107
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1107 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1107 Datasheet HTML 4Page - Linear Technology LT1107 Datasheet HTML 5Page - Linear Technology LT1107 Datasheet HTML 6Page - Linear Technology LT1107 Datasheet HTML 7Page - Linear Technology LT1107 Datasheet HTML 8Page - Linear Technology LT1107 Datasheet HTML 9Page - Linear Technology LT1107 Datasheet HTML 10Page - Linear Technology LT1107 Datasheet HTML 11Page - Linear Technology LT1107 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1107
In this mode the switch is arranged in common collector
or step-down mode. The switch drop can be modeled as
a 0.75V source in series with a 0.65
Ω resistor. When the
switch closes, current in the inductor builds according to:
where R
′ = 0.65Ω + DCRL
VL = VIN – 0.75V
As an example, suppose –5V at 50mA is to be generated
from a 4.5V to 5.5V input. Recalling Equation (14),
Energy required from the inductor is:
Picking an inductor value of 100
µH with 0.2Ω DCR results
in a peak switch current of:
Substituting IPEAK into Equation (04) results in:
Since 5.28
µJ > 3.82µJ, the 100µH inductor will work.
With this relatively small input range, RLIM is not usually
necessary and the ILIM pin can be tied directly to VIN. As in
the step-down case, peak switch current should be limited
to ~650mA.
Step-Up (Boost Mode) Operation
A step-up DC/DC converter delivers an output voltage
higher than the input voltage. Step-up converters are
not
short-circuit protected since there is a DC path from input
to output.
P
f
mW
kHz
J
L
OSC
==
275
63
44
17
.( )
µ
It
V
R
e
L
L
Rt
L
()=
′
−
− ′
115
()
where DC = duty cycle (0.50 in step-down mode)
VSW = switch drop in step-down mode
VD = diode drop (0.5V for a 1N5818)
IOUT = output current
VOUT = output voltage
VIN = minimum input voltage
VSW is actually a function of switch current which is in turn
a function of VIN, L, time, and VOUT. To simplify, 1.5V can
be used for VSW as a very conservative value.
Once IPEAK is known, inductor value can be derived from:
where tON = switch ON time (7µs).
Next, the current limit resistor RLIM is selected to give
IPEAK from the Maximum Switch Current vs RLIM curve.
The addition of this resistor keeps maximum switch cur-
rent constant as the input voltage is increased.
As an example, suppose 5V at 300mA is to be generated
from a 12V to 24V input. Recalling Equation (10):
Next, inductor value is calculated using Equation (11):
L
mA
sH
=
−−
=
12 1 5 5
600
764
13
.
()
µµ
Use the next lowest standard value (56
µH).
Then pick RLIM from the curve. For IPEAK = 600mA, RLIM
= 56
Ω.
Inductor Selection –– Positive-to-Negative Converter
Figure 4 shows hookup for positive-to-negative conver-
sion. All of the output power must come from the inductor.
In this case,
P
(14)
L =+
()()
VV
I
OUT
D
OUT
L
VV
V
I
t
IN MIN
SW
OUT
PEAK
ON
=
−−
×
( )
()
11
I
mA
mA
PEAK =
()
+
−+
=
2 300
050
50 5
12 15
05
600
12
.
.
..
()
P
= 275mW
(16 )
L =−
+
()()
50 5
50
VV
mA
.
I
VV
e
mA
PEAK
s
H
=
−
()
+
()
−


=
−×
45
075
065
0 2
1
325
18
085
9
100
..
..
()
.
ΩΩ
Ωµ
µ
EH
A
J
L =
()(
) =
1
2
100
0 325
5 28
19
2
µµ
..
( )
S
APPLICATI
I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com