Electronic Components Datasheet Search
  English  ▼

X  

FR103G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FR103G
Description  1.0AMP Glass Passivated Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR103G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FR103G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR103G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd FR103G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd FR103G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
Glass passivated chip junction
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss
FR101G
DO-41
3K / AMMO box
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
FR
101G
FR
102G
FR
103G
FR
104G
FR
105G
FR
106G
FR
107G
Units
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
uA
uA
Trr
250
nS
Cj
pF
RθJA
OC/W
TJ
OC
TSTG
OC
Version:E13
Maximum Instantaneous Forward Voltage (Note 1)
@ 1 A
VF
1.3
Weight: 0.34 grams
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Recurrent Peak Reverse Voltage
INNER
TAPE
Storage Temperature Range
5
100
Maximum Reverse Recovery Time (Note 2)
Maximum DC Reverse Current at
@ TA=25 ℃
Rated DC Blocking Voltage
@ TA=125 ℃
500
10
Cases: Molded plastic
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Epoxy: UL 94V-0 rate flame retardant
Features
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
70
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
30
Operating Temperature Range
IFSM
Typical Thermal Resistance
- 55 to + 150
Typical Junction Capacitance (Note 3)
IR
FR101G - FR107G
1.0AMP Glass Passivated Fast Recovery Rectifiers
DO-41
Polarity: Color band denotes cathode end
Mechanical Data
A
Ordering Information (example)
Part No.
Package
Packing
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
- 55 to + 150
V
150
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
Packing code
Packing code
(Green)
52mm
A0
High temperature soldering guaranteed: 260℃/10s
Maximum Average Forward Rectified Current
1
A0G
Parameter


Similar Part No. - FR103G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR103G RECTRON-FR103G Datasheet
257Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Shanghai Sunrise Electr...
FR103G SSE-FR103G Datasheet
16Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Bytes
FR103G BYTES-FR103G Datasheet
153Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Lunsure Electr...
FR103G CHENYI-FR103G Datasheet
121Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Dc Components
FR103G DCCOM-FR103G Datasheet
428Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR103G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FR101G JGD-FR101G Datasheet
143Kb / 2P
1.0Amp Glass Passivated Fast Recovery Rectifiers
logo
Shanghai Lunsure Electr...
RGP10A CHENYI-RGP10A Datasheet
56Kb / 3P
1.0Amp glass passivated junction fast recovery rectifiers 50 to 1000 volts
logo
Taiwan Semiconductor Co...
SFT11G TSC-SFT11G_12 Datasheet
190Kb / 2P
1.0AMP. Glass Passivated Super Fast Rectifiers
SF11G TSC-SF11G_13 Datasheet
433Kb / 4P
1.0AMP. Glass Passivated Super Fast Rectifiers
SFT11G TSC-SFT11G_13 Datasheet
429Kb / 4P
1.0AMP. Glass Passivated Super Fast Rectifiers
logo
First Components Intern...
SFS11G FCI-SFS11G Datasheet
1Mb / 2P
1.0Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
logo
Chongqing Pingwei Enter...
1F1G CHONGQING-1F1G_16 Datasheet
178Kb / 1P
1.0AMP. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
FR101G CHONGQING-FR101G_16 Datasheet
177Kb / 1P
1.0AMP . GLASS PASSIVATED FAST RECOVERY RECTIFIERS
1A1G CHONGQING-1A1G_16 Datasheet
178Kb / 1P
1.0AMP . GLASS PASSIVATED RECTIFIERS
1N4001SG CHONGQING-1N4001SG_16 Datasheet
178Kb / 1P
1.0AMP . GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com