Electronic Components Datasheet Search
  English  ▼

X  

FR307G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FR307G
Description  3.0AMPS Glass Passivated Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR307G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FR307G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR307G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd FR307G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd FR307G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
Glass passivated chip junction
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss
FR301G
DO-201AD
500 / AMMO box
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
FR
301G
FR
302G
FR
303G
FR
304G
FR
305G
FR
306G
FR
307G
Units
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
uA
uA
Trr
250
nS
Cj
pF
RθJA
OC/W
TJ
OC
TSTG
OC
Version:E13
Packing code
(Green)
A0
A0G
FR301G - FR307G
3.0AMPS Glass Passivated Fast Recovery Rectifiers
DO-201AD
Features
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed: 260℃/10s
Weight: 1.2 grams
Parameter
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
3
500
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
125
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 3 A
VF
1.3
V
Typical Thermal Resistance
35
Operating Temperature Range
- 55 to + 150
Maximum DC Reverse Current at
@ TA=25 ℃
Rated DC Blocking Voltage
@ TA=125 ℃
IR
5
100
Maximum Reverse Recovery Time (Note 2)
150
Storage Temperature Range
- 55 to + 150
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
52mm
Typical Junction Capacitance (Note 3)
30
Ordering Information (example)
Part No.
Package
Packing
INNER
TAPE
Packing code


Similar Part No. - FR307G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR307G RECTRON-FR307G Datasheet
238Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Jinan Gude Electronic D...
FR307G JGD-FR307G Datasheet
145Kb / 2P
3.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Sunrise Electr...
FR307G SSE-FR307G Datasheet
15Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Bytes
FR307G BYTES-FR307G Datasheet
153Kb / 2P
3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Dc Components
FR307G DCCOM-FR307G Datasheet
440Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR307G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UG38G TSC-UG38G Datasheet
127Kb / 2P
3.0AMPS. Glass Passivated Super Fast Rectifiers
logo
Microdiode Semiconducto...
FR602G CHENDA-FR602G Datasheet
74Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR605G CHENDA-FR605G Datasheet
74Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
FR301 TSC-FR301_13 Datasheet
416Kb / 4P
3.0AMPS. Fast Recovery Rectifiers
logo
Microdiode Semiconducto...
FR101G CHENDA-FR101G Datasheet
533Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Chongqing Pingwei Enter...
BY396 CHONGQING-BY396_16 Datasheet
178Kb / 1P
3.0AMPS . FAST RECOVERY RECTIFIERS
1N5401G CHONGQING-1N5401G_16 Datasheet
178Kb / 1P
3.0AMPS . GLASS PASSIVATED RECTIFIERS
FR301G CHONGQING-FR301G_16 Datasheet
178Kb / 1P
3.0AMPS .GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Microdiode Semiconducto...
1N4933G CHENDA-1N4933G_V01 Datasheet
643Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
BY296G CHENDA-BY296G_V01 Datasheet
543Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com