Electronic Components Datasheet Search
  English  ▼

X  

HER151 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HER151
Description  High Efficient Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER151 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HER151 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER151 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HER151 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HER151 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
HER151
HER151
(TA=25℃ unless otherwise noted)
Document Number: DS_D1406020
Version: F14
RATINGS AND CHARACTERISTICS CURVES
HER151 A0
A0
HER151 A0G
A0
G
Green compound
1,000 / Bulk packing
Note 1: "x" defines voltage from 50V (HER151) to 1000V (HER158)
EXAMPLE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
HER15x
(Note 1)
A0
Suffix "G"
DO-15
1,500 / Ammo box
R0
DO-15
3,500 / 13" Paper reel
B0
DO-15
HER151 thru HER158
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
PACKING
0
1
2
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (oC)
FIG.1 MAXIMUM FORWARD CURRENT
DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
0
10
20
30
40
50
60
70
80
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3mS Single Half Sine Wave
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=100℃
TJ=75℃
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
HER156-HER158
HER155
HER151-HER154



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com