Electronic Components Datasheet Search
  English  ▼

X  

HER305 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HER305
Description  3.0AMPS High Efficient Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER305 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HER305 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER305 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HER305 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HER305 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
High efficiency, Low VF
High current capability
High reliability
High surge current capability
HER301 DO-201AD 500 / AMMO box
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
HER
301
HER
302
HER
303
HER
304
HER
305
HER
306
HER
307
Unit
VRRM
50
100
200
300
400
600
800
V
VRMS
35
70
140
210
280
420
560
V
VDC
50
100
200
300
400
600
800
V
IF(AV)
A
Trr
nS
Cj
pF
TJ
OC
TSTG
OC
Version:F13
HER301 - HER307
3.0AMPS High Efficient Rectifiers
DO-201AD
Features
For use in low voltage, high frequency inverter,
free wheeling, and polarity protection application
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode
Solder dip 260℃ max.10s per JESD 22-B106
Weight: 1.2 grams
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
IFSM
150
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 3 A
VF
1.0
1.3
1.7
V
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=125 ℃
IR
10
uA
250
OC/W
Operating Temperature Range
- 55 to + 150
Maximum Reverse Recovery Time (Note 2)
50
75
Typical Junction Capacitance (Note 3)
70
50
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Ordering Information (example)
Part No.
Package
Packing
INNER
TAPE
Typical Thermal Resistance
RθjA
RθjC
RθjL
52mm
Packing code
(Green)
A0G
Packing code
A0
Storage Temperature Range
- 55 to + 150
40
7
10
3
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)


Similar Part No. - HER305

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER305 MOSPEC-HER305 Datasheet
125Kb / 2P
HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V)
logo
Won-Top Electronics
HER305 WTE-HER305 Datasheet
48Kb / 3P
3.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER305 ZOWIE-HER305 Datasheet
51Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Rectron Semiconductor
HER305 RECTRON-HER305 Datasheet
288Kb / 2P
HIGH EFFICIENCY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere)
logo
Jinan Gude Electronic D...
HER305 JGD-HER305 Datasheet
169Kb / 2P
3.0 AMPS.HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER305

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS3AB TSC-HS3AB_11 Datasheet
136Kb / 2P
3.0AMPS High Efficient Surface Mount Rectifiers
HER301 TSC-HER301_11 Datasheet
196Kb / 2P
3.0AMPS High Efficient Rectifiers
HS3A TSC-HS3A_11 Datasheet
201Kb / 2P
3.0AMPS High Efficient Surface Mount Rectifiers
HS3A TSC-HS3A_13 Datasheet
434Kb / 4P
3.0AMPS High Efficient Surface Mount Rectifiers
HS3AB TSC-HS3AB_13 Datasheet
442Kb / 4P
3.0AMPS High Efficient Surface Mount Rectifiers
logo
Chongqing Pingwei Enter...
MB340 CHONGQING-MB340 Datasheet
176Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
HER301 CHONGQING-HER301_16 Datasheet
194Kb / 1P
3.0AMPS. HIGH EFFICIENCY PLASTIC RECTIFIERS
HS3A CHONGQING-HS3A Datasheet
178Kb / 1P
3.0AMPS. HIGH EFFICIENCY PLASTIC RECTIFIERS
BY396 CHONGQING-BY396_16 Datasheet
178Kb / 1P
3.0AMPS . FAST RECOVERY RECTIFIERS
1N5400 CHONGQING-1N5400_16 Datasheet
178Kb / 1P
3.0AMPS . SILICON RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com