Electronic Components Datasheet Search
  English  ▼

X  

LT1111 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1111
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1111 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1111 Datasheet HTML 7Page - Linear Technology LT1111 Datasheet HTML 8Page - Linear Technology LT1111 Datasheet HTML 9Page - Linear Technology LT1111 Datasheet HTML 10Page - Linear Technology LT1111 Datasheet HTML 11Page - Linear Technology LT1111 Datasheet HTML 12Page - Linear Technology LT1111 Datasheet HTML 13Page - Linear Technology LT1111 Datasheet HTML 14Page - Linear Technology LT1111 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1111
S
APPLICATI
I FOR ATIO
Figure 6. Q1 Permits Higher Current Switching.
LT1111 Functions as Controller.
When the switch turns off, the SW2 pin falls rapidly and
actually goes below ground. D1 turns on when SW2
reaches 0.4V below ground.
D1 MUST BE A SCHOTTKY
DIODE. The voltage at SW2 must never be allowed to go
below –0.5V. A silicon diode such as the 1N4933 will allow
SW2 to go to –0.8V, causing potentially destructive power
dissipation inside the LT1111. Output voltage is deter-
mined by:
V
R
R
V
OUT =+

 ()
1
2
1
125
23
.(
)
R3 programs switch current limit. This is especially impor-
tant in applications where the input varies over a wide
range. Without R3, the switch stays on for a fixed time each
cycle. Under certain conditions the current in L1 can build
up to excessive levels, exceeding the switch rating and/or
saturating the inductor. The 100
Ω resistor programs the
switch to turn off when the current reaches approximately
700mA. When using the LT1111 in step-down mode,
output voltage should be limited to 6.2V or less. Higher
output voltages can be accommodated by inserting a
1N5818 diode in series with the SW2 pin (anode con-
nected to SW2).
Higher Current Step-Down Operation
Output current can be increased by using a discrete PNP
pass transistor as shown in Figure 6. R1 serves as a
current limit sense. When the voltage drop across R1
equals a VBE, the switch turns off. For temperature com-
pensation a Schottky diode can be inserted in series with
the ILIM pin. This also lowers the maximum drop across R1
to VBE – VD, increasing efficiency. As shown, switch
current is limited to 2A. Inductor value can be calculated
based on formulas in the “Inductor Selection — Step-
Down Converter” section with the following conservative
expression for VSW:
VV
V
V
SW
R
Q SAT
=+
≈
11
10
24
.(
)
R2 provides a current path to turn off Q1. R3 provides base
drive to Q1. R4 and R5 set output voltage. A PMOS FET can
be used in place of Q1 when VIN is between 10V and 20V.
LT1111 • TA08
D1
1N5821
+
+
VOUT
VIN
30V
MAX
L1
R1
0.3
Ω
R2
220
Q1
MJE210 OR
ZETEX ZTX749
R3
330
R4
R5
C1
VOUT = 1.25V (1 +
)
R4
R5
LT1111
GND
SW2
SW1
VIN
IL
FB
C2
In Figure 8, the input is negative while the output is
positive. In this configuration, the magnitude of the input
voltage can be higher or lower than the output voltage. A
level shift, provided by the PNP transistor, supplies proper
polarity feedback information to the regulator.
Inverting Configurations
The LT1111 can be configured as a positive-to-negative
converter (Figure 7), or a negative-to-positive converter
(Figure 8). In Figure 7, the arrangement is very similar to
a step-down, except that the high side of the feedback is
referred to ground. This level shifts the output negative. As
in the step-down mode, D1 must be a Schottky diode,
and
VOUTshould be less than 6.2V. More negative out-
put voltages can be accommodated as in the prior section.
LT1111 • F07
–VOUT
+
C2
+
C1
D1
1N5818
VIN
R1
R2
L1
GND
SW2
SW1
LIM
I
IN
V
R3
FB
LT1111
Figure 7. Positive-to-Negative Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com