Electronic Components Datasheet Search
  English  ▼

X  

LT1112 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1112
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1112 Datasheet(HTML) 4 Page - Linear Technology

  LT1112 Datasheet HTML 1Page - Linear Technology LT1112 Datasheet HTML 2Page - Linear Technology LT1112 Datasheet HTML 3Page - Linear Technology LT1112 Datasheet HTML 4Page - Linear Technology LT1112 Datasheet HTML 5Page - Linear Technology LT1112 Datasheet HTML 6Page - Linear Technology LT1112 Datasheet HTML 7Page - Linear Technology LT1112 Datasheet HTML 8Page - Linear Technology LT1112 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1112/LT1114
SYMBOL PARAMETER
CONDITIONS (Note 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOUT
Output Voltage Swing
RL = 10kΩ
q
±13.0 ±13.85
±13.0 ±13.85
V
SR
Slew Rate
q
0.12
0.22
0.12
0.22
V/
µs
IS
Supply Current per Amplifier
q
380
460
380
530
µA
∆VOS
Offset Voltage Match
(Note 5)
q
55
200
70
240
µV
Offset Voltage Match Drift
(Notes 5, 8)
q
0.2
0.7
0.3
1.0
µV/°C
∆IB+
Noninverting Bias Current Match
(Notes 5, 6)
q
150
750
170
850
pA
∆CMRR
Common-Mode Rejection Ratio
(Notes 5, 7)
q
112
130
106
130
dB
∆PSRR
Power Supply Rejection Ratio
(Notes 5, 7)
q
109
126
106
126
dB
ELECTRICAL CHARACTERISTICS V
S = ±15V, – 55°C ≤ TA ≤ 125°C, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS (Note 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1112N8
q
27
100
30
125
µV
LT1112S8, LT1114N/S
q
35
125
45
150
µV
VS = ±1.2V
q
50
175
65
210
µV
∆VOS
Average Input Offset Voltage Drift
LT1112N8
q
0.15
0.5
0.2
0.75
µV/°C
∆Temp
(Note 8)
LT1112S8, LT1114N/S
q
0.3
1.1
0.4
1.3
µV/°C
IOS
Input Offset Current
q
60
220
70
290
pA
LT1114S
q
90
420
pA
IB
Input Bias Current
q
±80
±300
±90
±350
pA
LT1114S
q
±115
±550
pA
VCM
Input Voltage Range
q
±13.5 ±14.2
±13.5 ±14.2
V
CMRR
Common-Mode Rejection Ratio
VCM = ±13.5V
q
118
133
113
133
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.2V to ±20V
q
114
125
112
125
dB
AVOL
Large-Signal Voltage Gain
VO = ±12V, RL = 10kΩ
q
800
4000
650
4000
V/mV
VO = ±10V, RL = 2kΩ
q
500
1300
400
1000
V/mV
VOUT
Output Voltage Swing
RL = 10kΩ
q
±13.0 ±13.9
±13.0 ±13.9
V
SR
Slew Rate
q
0.14
0.27
0.14
0.27
V/
µs
IS
Supply Current per Amplifier
q
370
440
370
500
µA
∆VOS
Offset Voltage Match
LT1112N8
q
45
170
55
210
µV
(Note 5)
LT1112S8, LT1114N/S
q
55
220
70
270
µV
Offset Voltage Match Drift
LT1112N8
q
0.2
0.7
0.3
1.0
µV/°C
(Notes 5, 8)
LT1112S8, LT1114N/S
q
0.4
1.6
0.5
1.9
µV/°C
∆IB+
Noninverting Bias Current Match
q
120
530
135
620
pA
(Notes 5, 6)
LT1114S
q
160
880
pA
∆CMRR
Common-Mode Rejection Ratio
(Notes 5, 7)
q
114
134
109
134
dB
∆PSRR
Power Supply Rejection Ratio
(Notes 5, 7)
q
110
128
108
128
dB
ELECTRICAL CHARACTERISTICS V
S = ±15V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
LT1112ACN8
LT1114ACN
LT1112N8/S8
LT1114CN/S
LT1112AMJ8
LT1114AMJ
LT1112MJ8
LT1114MJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com