Electronic Components Datasheet Search
  English  ▼

X  

LT1103CT7 Datasheet(PDF) 22 Page - Linear Technology

Part # LT1103CT7
Description  Offline Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1103CT7 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1103CT7 Datasheet HTML 18Page - Linear Technology LT1103CT7 Datasheet HTML 19Page - Linear Technology LT1103CT7 Datasheet HTML 20Page - Linear Technology LT1103CT7 Datasheet HTML 21Page - Linear Technology LT1103CT7 Datasheet HTML 22Page - Linear Technology LT1103CT7 Datasheet HTML 23Page - Linear Technology LT1103CT7 Datasheet HTML 24Page - Linear Technology LT1103CT7 Datasheet HTML 25Page - Linear Technology LT1103CT7 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
LT1103/LT1105
Flyback Waveform for Discontinuous Mode Operation
Flyback Waveform for Continuous Mode Operation
VZENER
AREA “a” = AREA “b” TO MAINTAIN
ZERO VOLTS ACROSS PRIMARY
[VOUT + Vf + (ISEC • RP)]/N
VIN
0V
PRIMARY SWITCH VOLTAGE
AREA “c” = AREA “d” TO MAINTAIN
ZERO VOLTS ACROSS SECONDARY
[VOUT + Vf + (ISEC • RP)]
0V
N • VIN
SECONDARY WINDING VOLTAGE
[VOUT + Vf + (ISEC • RP)]/N1
0V
BIAS WINDING VOLTAGE
AREA “e” = AREA “f” TO MAINTAIN
ZERO VOLTS ACROSS BIAS WINDING
N2 • VIN
a
b
c
d
e
f
∆I
IPRI
PRIMARY CURRENT
0A
ISEC = IPRI/N
SECONDARY CURRENT
0A
IPRI
∆I
0A
SWITCH CURRENT
IPRI
SNUBBER DIODE CURRENT
0A
∆t = (IPRI)[L(lkPRI)]/VSNUB
a
b
VZENER
AREA “a” = AREA “b” TO MAINTAIN
ZERO VOLTS ACROSS PRIMARY
[VOUT + Vf + (ISEC • RP)]/N
VIN
0V
PRIMARY SWITCH VOLTAGE
AREA “c” = AREA “d” TO MAINTAIN
ZERO VOLTS ACROSS SECONDARY
[VOUT + Vf + (ISEC • RP)]
0V
N • VIN
SECONDARY WINDING VOLTAGE
[VOUT + Vf + (ISEC • RP)]/N1
0V
BIAS WINDING VOLTAGE
AREA “e” = AREA “f” TO MAINTAIN
ZERO VOLTS ACROSS BIAS WINDING
N2 • VIN
e
f
∆I
∆I
IPRI
SNUBBER DIODE CURRENT
0A
IPRI
PRIMARY CURRENT
0A
ISEC = IPRI/N
SECONDARY CURRENT
0A
IPRI
0A
SWITCH CURRENT
LT1103 WF01
∆t = (IPRI)[L(lkPRI)]/VSNUB
c
d
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com