Electronic Components Datasheet Search
  English  ▼

X  

LT1113 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1113
Description  Dual Low Noise, Precision, JFET Input Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1113 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1113 Datasheet HTML 8Page - Linear Technology LT1113 Datasheet HTML 9Page - Linear Technology LT1113 Datasheet HTML 10Page - Linear Technology LT1113 Datasheet HTML 11Page - Linear Technology LT1113 Datasheet HTML 12Page - Linear Technology LT1113 Datasheet HTML 13Page - Linear Technology LT1113 Datasheet HTML 14Page - Linear Technology LT1113 Datasheet HTML 15Page - Linear Technology LT1113 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1113
S
APPLICATI
I FOR ATIO
Typical performance of the instrumentation amplifier:
Input offset voltage = 0.8mV
Input bias current = 320pA
Input offset current = 10pA
Input resistance = 1011
Ω
Input noise = 3.4
µVP-P
High Speed Operation
The low noise performance of the LT1113 was achieved by
making the input JFET differential pair large to maximize
the first stage gain. Increasing the JFET geometry also
increases the parasitic gate capacitance, which if left
unchecked, can result in increased overshoot and ringing.
When the feedback around the op amp is resistive (RF),
a pole will be created with RF, the source resistance and
capacitance (RS,CS), and the amplifier input capacitance
(CIN = 27pF). In closed loop gain configurations and
with RS and RF in the kilohm range (Figure 5), this pole
can create excess phase shift and even oscillation.
A small capacitor (CF) in parallel with RF eliminates this
problem. With RS(CS + CIN) = RFCF, the effect of the
feedback pole is completely removed.
Figure 5.
The concepts of common mode and power supply
rejection ratio match (
∆CMRR and ∆PSRR) are best
demonstrated with a numerical example:
Assume CMRRA = +50µV/V or 86dB,
and CMRRB = + 39µV/V or 88dB,
then
∆CMRR = 11µV/V or 99dB;
if CMRRB = -39µV/V which is still 88dB,
then
∆CMRR = 89µV/V or 81dB
Clearly the LT1113, by specifying and guaranteeing all of
these matching parameters, can significantly improve the
performance of matching-dependent circuits.
Figure 4. Three Op Amp Instrumentation Amplifier
4
OUTPUT
C1
50pF
R7
10k
R6
10k
1113 • F04
GAIN =
BANDWIDTH =
INPUT REFERRED NOISE =
WIDEBAND NOISE DC TO 400kHz =
CL ≤
100
400kHz
6.6nV/
√Hz AT 1kHz
6.6
µVRMS
0.01
µF
IN–
15V
8
1
–15V
–
+
1/2
LT1113
IC1
1/2
LT1113
IC1
IN+
R3
1k
R2
200
Ω
R1
1k
7
6
5
3
2
R4
1k
1
2
CL
3
1/2
LT1113
IC2
R5
1k
1113 • F05
OUTPUT
RF
RS
CS
CIN
CF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com