Electronic Components Datasheet Search
  English  ▼

X  

UPD75116 Datasheet(PDF) 21 Page - NEC

Part # UPD75116
Description  4-Bit Single Chip-Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75116 Datasheet(HTML) 21 Page - NEC

Back Button UPD75116 Datasheet HTML 17Page - NEC UPD75116 Datasheet HTML 18Page - NEC UPD75116 Datasheet HTML 19Page - NEC UPD75116 Datasheet HTML 20Page - NEC UPD75116 Datasheet HTML 21Page - NEC UPD75116 Datasheet HTML 22Page - NEC UPD75116 Datasheet HTML 23Page - NEC UPD75116 Datasheet HTML 24Page - NEC UPD75116 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
21
µPD75112(A), 75116(A)
5.7 ProgrammableThreshold Port (Analog Input Port)
The
µPD75116(A) is equipped with 4-bit analog input
pins (PTH00 to PTH03) capable of changing the thresh-
old voltage. These pins are configured as shown in
Figure 5-6.
Sixteen threshold voltage (VREF) values (VDD
×
-VDD
×
) are available and analog signals can be directly
input.
The analog input port can also be used as a digital
signal input port by selecting VDD
×
for VREF.
16
0.5
16
15.5
16
7.5
Figure 5-6 Block Diagram of Programmable Threshold Port
+
–
PTH00
+
–
PTH01
+
–
PTH02
+
–
PTH03
1
2
R
4
1
2
R
MPX
VDD
VREF
R
R
PTHM7
PTH0
PTHM6
PTHM5
PTHM4
PTHM3
PTHM2
PTHM1
PTHM0
PTHM
8
Operation
Stop
Program-
mable
Threshold
Port
Input
Latch (4)
Input Buffer
Inter-
nal
Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com