Electronic Components Datasheet Search
  English  ▼

X  

608G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 608G
Description  16.0AMPS. Glass Passivated High Efficient Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

608G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  608G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 608G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 608G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
Glass passivated chip junction
High efficiency, Low VF
High current capability
High reliability
High surge current capability
HER1601G TO-220AB 50 / TUBE
C0
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
HER
1601G
HER
1602G
HER
1603G
HER
1604G
HER
1605G
HER
1606G
HER
1607G
HER
1608G
Units
VRRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800
1000
V
IF(AV)
A
Trr
nS
Cj
pF
RθJC
OC/W
TJ
OC
TSTG
OC
Version:H13
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Ordering Information(example)
Part No.
Package
Packing
Packing code
Packing code
(Green)
C0G
Typical Thermal Resistance
1.5
Operating Temperature Range
- 55 to + 150
Storage Temperature Range
- 55 to + 150
Maximum Reverse Recovery Time (Note 2)
50
80
Typical Junction Capacitance (Note 3)
80
50
V
Maximum DC Reverse Current
@ TA=25 ℃
at Rated DC Blocking Voltage
@ TA=125 ℃
IR
10
uA
400
16
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
125
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 8 A
VF
1.0
1.3
1.7
Weight: 2.24 grams
Parameter
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Mechanical Data
Cases: TO-220AB Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260℃/10 seconds .16", (4.06mm) from case
HER1601G - HER1608G
16.0AMPS. Glass Passivated High Efficient Rectifiers
TO-220AB
Features
For use in low voltage, high frequency inverter,
free wheeling, and polarity protection application
Green compound with suffix "G" on packing
code & prefix "G" on datecode


Similar Part No. - 608G

ManufacturerPart #DatasheetDescription
logo
SPANSION
608G SPANSION-608G Datasheet
972Kb / 70P
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
logo
Microsemi Corporation
608G MICROSEMI-608G Datasheet
171Kb / 6P
Phase leg Intelligent Power Module
logo
California Micro Device...
608G CALMIRCO-608G Datasheet
1Mb / 12P
LCD EMI Filter Array with ESD Protection
logo
Won-Top Electronics
608G WTE-608G Datasheet
52Kb / 3P
16A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
608G TSC-608G Datasheet
64Kb / 2P
Isolation 16.0 AMPS. Glass Passivated High Efficient Rectifiers
More results

Similar Description - 608G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER2001G GOOD-ARK-HER2001G Datasheet
148Kb / 2P
Glass Passivated High Efficient Rectifiers
HER601G GOOD-ARK-HER601G Datasheet
195Kb / 2P
Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HERF1601G TSC-HERF1601G_11 Datasheet
188Kb / 2P
16.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
HER1601G TSC-HER1601G_11 Datasheet
201Kb / 2P
16.0AMPS. Glass Passivated High Efficient Rectifiers
HERA1601G TSC-HERA1601G_11 Datasheet
263Kb / 2P
16.0AMPS. Glass Passivated High Efficient Rectifiers
HERAF1601G TSC-HERAF1601G_12 Datasheet
206Kb / 2P
16.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
SF1601G TSC-SF1601G_11 Datasheet
197Kb / 2P
16.0AMPS. Glass Passivated Super Fast Rectifiers
SF1601G TSC-SF1601G_13 Datasheet
399Kb / 3P
16.0AMPS. Glass Passivated Super Fast Rectifiers
HER1601PT TSC-HER1601PT_13 Datasheet
374Kb / 3P
16.0AMPS. Glass Passivated High Efficient Rectifiers
UF4001 TSC-UF4001_14 Datasheet
378Kb / 4P
Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com