Electronic Components Datasheet Search
  English  ▼

X  

LT1086CT Datasheet(PDF) 8 Page - Linear Technology

Part # LT1086CT
Description  1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1086CT Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1086CT Datasheet HTML 4Page - Linear Technology LT1086CT Datasheet HTML 5Page - Linear Technology LT1086CT Datasheet HTML 6Page - Linear Technology LT1086CT Datasheet HTML 7Page - Linear Technology LT1086CT Datasheet HTML 8Page - Linear Technology LT1086CT Datasheet HTML 9Page - Linear Technology LT1086CT Datasheet HTML 10Page - Linear Technology LT1086CT Datasheet HTML 11Page - Linear Technology LT1086CT Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1086 Series
The LT1086 family of 3-terminal regulators is easy to use
and has all the protection features that are expected in high
performance voltage regulators. They are short-circuit
protected, have safe area protection as well as thermal
shutdown to turn off the regulator should the temperature
exceed about 165
°C at the sense point.
These regulators are pin compatible with older 3-terminal
adjustable devices, offer lower dropout voltage and more
precise reference tolerance. Further, the reference stabil-
ity with temperature is improved over older types of
regulators. The only circuit difference between using the
LT1086 family and older regulators is that they require an
output capacitor for stability.
Stability
The circuit design used in the LT1086 family requires the
use of an output capacitor as part of the device frequency
compensation. For all operating conditions, the addition of
150
µF aluminum electrolytic or a 22µF solid tantalum on
the output will ensure stability. Normally capacitors much
smaller than this can be used with the LT1086. Many
different types of capacitors with widely varying charac-
teristics are available. These capacitors differ in capacitor
tolerance (sometimes ranging up to
±100%), equivalent
series resistance, and capacitance temperature coeffi-
cient. The 150
µF or 22µF values given will ensure stability.
When using the LT1086 the adjustment terminal can be
bypassed to improve ripple rejection. When the adjust-
ment terminal is bypassed the requirement for an output
capacitor increases. The values of 22
µF tantalum or 150µF
aluminum cover all cases of bypassing the adjustment
terminal. For fixed voltage devices or adjustable devices
without an adjust pin bypass capacitor, smaller output
capacitors can be used with equally good results and the
table below shows approximately what size capacitors are
needed to ensure stability.
Recommended Capacitor Values
INPUT
OUTPUT
ADJUSTMENT
10
µF10µF Tantalum, 50µF Aluminum
None
10
µF22µF Tantalum, 150µF Aluminum
20
µF
Normally, capacitor values on the order of 100
µF are used
in the output of many regulators to ensure good transient
APPLICATIONS INFORMATION
response with heavy load current changes. Output capaci-
tance can be increased without limit and larger values of
output capacitor further improve stability and transient
response of the LT1086 regulators.
Another possible stability problem that can occur in mono-
lithic IC regulators is current limit oscillations. These can
occur because in current limit, the safe area protection
exhibits a negative impedance. The safe area protection
decreases the current limit as the input-to-output voltage
increases.That is the equivalent of having a negitive resis-
tance since increasing voltage causes current to decrease.
Negative resistance during current limit is not unique to
the LT1086 series and has been present on all power IC
regulators. The value of negative resistance is a function of
how fast the current limit is folded back as input-to-output
voltage increases. This negative resistance can react with
capacitors or inductors on the input to cause oscillation
during current limiting. Depending on the value of series
resistance, the overall circuitry may end up unstable. Since
this is a system problem, it is not necessarily easy to solve;
however it does not cause any problems with the IC
regulator and can usually be ignored.
Protection Diodes
In normal operation the LT1086 family does not need any
protection diodes. Older adjustable regulators required
protection diodes between the adjustment pin and the
output and from the output to the input to prevent over-
stressing the die. The internal current paths on the LT1086
adjustment pin are limited by internal resistors. Therefore,
even with capacitors on the adjustment pin, no protection
diode is needed to ensure device safety under short-circuit
conditions.
Diodes between input and output are usually not needed.
The internal diode between the input and the output pins
of the LT1086 family can handle microsecond surge
currents of 10A to 20A. Even with large output capaci-
tances, it is very difficult to get those values of surge
currents in normal operation. Only with high value output
capacitors such as 1000
µF to 5000µF, and with the input
pin instantaneously shorted to ground, can damage occur.
A crowbar circuit at the input of the LT1086 can generate
those kinds of currents and a diode from output to input is
then recommended. Normal power supply cycling or even



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com