Electronic Components Datasheet Search
  English  ▼

X  

LT1110CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1110CS8
Description  Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1110CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1110CS8 Datasheet HTML 8Page - Linear Technology LT1110CS8 Datasheet HTML 9Page - Linear Technology LT1110CS8 Datasheet HTML 10Page - Linear Technology LT1110CS8 Datasheet HTML 11Page - Linear Technology LT1110CS8 Datasheet HTML 12Page - Linear Technology LT1110CS8 Datasheet HTML 13Page - Linear Technology LT1110CS8 Datasheet HTML 14Page - Linear Technology LT1110CS8 Datasheet HTML 15Page - Linear Technology LT1110CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
LT1110
15
LT1110 • TA10
GND
SW2
SENSE
SW1
LIM
I
IN
V
LT1110-5
9V
*L1 = COILCRAFT 1812LS-473
10
µF
MBRL120
5V
40mA
220
L1*
47
µH
+
LT1110 • TA11
GND
SW2
FB
SW1
LIM
I
IN
V
LT1110
1.5V
AA OR
AAA
CELL
= MBRL120
= COILCRAFT 1812LS-823
4.7
µF
L1*
82
µH
+5V
3mA
4.7
µF
+10V
3mA
490k
*L1
4.7
µF
11k
+
+
+
LT1110 • TA09
GND
SW2
SENSE
SW1
LIM
I
IN
V
LT1110-5
3V
2x
AA CELL
*L1 = COILCRAFT 1812LS-473
10
µF
MBRL120
L1*
47
µH
5V
40mA
220
+
LT1110 • TA12
GND
SW2
SENSE
SW1
LIM
I
IN
V
LT1110
1.5V
AA OR
AAA
CELL
= MBRL120
= COILCRAFT 1812LS-823
4.7
µF
L1*
82
µH
+5V
4mA
4.7
µF
–5V
4mA
4.7
µF
+
+
*L1
+
S
APPLICATI
TYPICAL
All Surface Mount
3V to 5V Step-Up Converter
All Surface Mount
9V to 5V Step-Down Converter
All Surface Mount
1.5V to +10V, +5V Dual Output Step-Up Converter
All Surface Mount
1.5V to
±5V Dual Output Step-Up Converter
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com