Electronic Components Datasheet Search
  English  ▼

X  

LT1074HVMK Datasheet(PDF) 16 Page - Linear Technology

Part # LT1074HVMK
Description  Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1074HVMK Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1074HVMK Datasheet HTML 8Page - Linear Technology LT1074HVMK Datasheet HTML 9Page - Linear Technology LT1074HVMK Datasheet HTML 10Page - Linear Technology LT1074HVMK Datasheet HTML 11Page - Linear Technology LT1074HVMK Datasheet HTML 12Page - Linear Technology LT1074HVMK Datasheet HTML 13Page - Linear Technology LT1074HVMK Datasheet HTML 14Page - Linear Technology LT1074HVMK Datasheet HTML 15Page - Linear Technology LT1074HVMK Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT1074/LT1076
16
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 1994
1074fc LT/TP 0100 2K REV C • PRINTED IN USA
RELATED PARTS
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LT1375/LT1376
1.5A, 500kHz Step-Down Switching Regulators
VIN Up to 25V, IOUT Up to 1.25A, SO-8
LT1374/LT1374HV
4.5A, 500kHz Step-Down Switching Regulators
VIN Up to 25V (32V for HV), IOUT Up to 4.25A, SO-8/DD
LT1370
6A, 500kHz High Efficiency Switching Regulator
6A/42V Internal Switch, 7-Lead DD/TO-220
LT1676
Wide Input Range, High Efficiency Step-Down Regulator
VIN from 7.4V to 60V, IOUT Up to 0.5A, SO-8
LT1339
High Power Synchronous DC/DC Controller
VIN Up to 60V, IOUT Up to 50A, Current Mode
Negative Boost Converter
T7 Package
7-Lead Plastic TO-220 (Standard)
(LTC DWG # 05-08-1422)
0.050
(1.27)
0.026 – 0.036
(0.660 – 0.914)
T7 (TO-220) 0399
0.135 – 0.165
(3.429 – 4.191)
0.700 – 0.728
(17.780 – 18.491)
0.045 – 0.055
(1.143 – 1.397)
0.165 – 0.180
(4.191 – 4.572)
0.095 – 0.115
(2.413 – 2.921)
0.013 – 0.023
(0.330 – 0.584)
0.620
(15.75)
TYP
0.155 – 0.195*
(3.937 – 4.953)
0.152 – 0.202
(3.860 – 5.130)
0.260 – 0.320
(6.604 – 8.128)
0.147 – 0.155
(3.734 – 3.937)
DIA
0.390 – 0.415
(9.906 – 10.541)
0.330 – 0.370
(8.382 – 9.398)
0.460 – 0.500
(11.684 – 12.700)
0.570 – 0.620
(14.478 – 15.748)
0.230 – 0.270
(5.842 – 6.858)
BSC
SEATING PLANE
*MEASURED AT THE SEATING PLANE
R1
12.7k
VIN
VFB
V
GND
R2
2.21k
C1
1000
µF
25V
L1
25
µH
+
C3
200
µF
15V
+
D1*
R3
750
Ω
VC
0.01
µF
100pF
C2
1nF
VOUT
–15V**
VIN
–5V TO –15V
MBR735
IOUT (MAX) = 1A TO 3A DEPENDING
ON INPUT VOLTAGE. SEE AN44
LT1074 • TA04
LT1074
SW
*
**
100
µF
OPTIONAL OUTPUT FILTER
5
µH
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com